Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAS Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # HAS
Description  DC DISCONNECT SWITCHES FOR SOLAR & ESS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

HAS Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  HAS Datasheet HTML 1Page - Sensata Technologies, Inc. HAS Datasheet HTML 2Page - Sensata Technologies, Inc. HAS Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
STANDARD CIRCUIT
DIMENSIONS
Type
Circuit type
Circuit diagram
Remarks
0
Switch type
Not equipped with an overcurrent trip mechanism, so
does not operate during overcurrent
4
Relay type
Relay type with insulated main contact and operating coil
Voltage operating type has an instantaneous rating (volt-
age applied time is within 1s)
- Terminal
- Terminal
PCB Installation holes dimensions
Tolerances: ±0.1
+
Terminal
+ Terminal
All dimensions are in millimeters



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com