Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5191 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N5191
Description  MEDIUM POWER NPN SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5191 Datasheet(HTML) 1 Page - STMicroelectronics

  2N5191 Datasheet HTML 1Page - STMicroelectronics 2N5191 Datasheet HTML 2Page - STMicroelectronics 2N5191 Datasheet HTML 3Page - STMicroelectronics 2N5191 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N5191
2N5192
MEDIUM POWER NPN SILICON TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
s
NPN TRANSISTOR
APPLICATIONS
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The
2N5191
and
2N5192
are
silicon
epitaxial-base NPN transistors in Jedec SOT-32
plastic package.
They are inteded for use in medium power linear
and switching applications.
The complementary PNP type of 2N5192 is
2N5195.
INTERNAL SCHEMATIC DIAGRAM
June 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
2N5191
2N5192
Unit
VCBO
Collector-Base Voltage (IE = 0)
60
80
V
VCEO
Collector-Emitter Voltage (IB = 0)
60
80
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
4
A
ICM
Collector Peak Current
7
A
IB
Base Current
1
A
Ptot
Total Dissipation at Tc
≤ 25 oC40
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
3
2
1
SOT-32
1/4


Similar Part No. - 2N5191

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5191 ONSEMI-2N5191 Datasheet
102Kb / 8P
POWER TRANSISTORS SILICON NPN
April, 2002 ??Rev. 10
logo
Central Semiconductor C...
2N5191 CENTRAL-2N5191 Datasheet
61Kb / 1P
NPN SILICON TRANSISTOR GENERAL PURPOSE POWER
logo
STMicroelectronics
2N5191 STMICROELECTRONICS-2N5191 Datasheet
48Kb / 4P
MEDIUM POWER NPN SILICON TRANSISTORS
Dec-2000
2N5191 STMICROELECTRONICS-2N5191 Datasheet
229Kb / 9P
NPN power transistors
28-Jun-2007
logo
Inchange Semiconductor ...
2N5191 ISC-2N5191 Datasheet
132Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N5191

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX452 ZETEX-ZTX452 Datasheet
47Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX454 ZETEX-ZTX454 Datasheet
50Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
2N6477 ETC-2N6477 Datasheet
345Kb / 5P
MEDIUM POWER SILICON NPN TRANSISTORS
logo
STMicroelectronics
2N5191 STMICROELECTRONICS-2N5191_00 Datasheet
48Kb / 4P
MEDIUM POWER NPN SILICON TRANSISTORS
Dec-2000
logo
Diodes Incorporated
ZTX450 DIODES-ZTX450 Datasheet
60Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
logo
New Jersey Semi-Conduct...
2N4910 NJSEMI-2N4910 Datasheet
188Kb / 2P
MEDIUM-POWER NPN SILICON TRANSISTORS
2N4921 NJSEMI-2N4921 Datasheet
151Kb / 1P
MEDIUM-POWER PLASTIC NPN SILICON TRANSISTORS
MJE341 NJSEMI-MJE341 Datasheet
117Kb / 3P
Plastic NPN Silicon Medium-Power Transistors
MJE205 NJSEMI-MJE205 Datasheet
78Kb / 2P
MEDIUM-POWER NPN SILICON TRANSISTORS
logo
Diodes Incorporated
ZTX455 DIODES-ZTX455_15 Datasheet
59Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com