Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14C89AM/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # DS14C89AM/NOPB.B
Description  DS14C89A Quad CMOS Receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS14C89AM/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  DS14C89AM/NOPB.B Datasheet HTML 1Page - Texas Instruments DS14C89AM/NOPB.B Datasheet HTML 2Page - Texas Instruments DS14C89AM/NOPB.B Datasheet HTML 3Page - Texas Instruments DS14C89AM/NOPB.B Datasheet HTML 4Page - Texas Instruments DS14C89AM/NOPB.B Datasheet HTML 5Page - Texas Instruments DS14C89AM/NOPB.B Datasheet HTML 6Page - Texas Instruments DS14C89AM/NOPB.B Datasheet HTML 7Page - Texas Instruments DS14C89AM/NOPB.B Datasheet HTML 8Page - Texas Instruments DS14C89AM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS14C89A
www.ti.com
SNLS081C – MAY 1998 – REVISED APRIL 2013
Electrical Characteristics
Over recommended operating conditions, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTH
Input High Threshold
1.3
2.7
V
VTL
Input Low Threshold
0.5
1.9
V
VHY
Typical Input Hysteresis
1.0
V
IIN
Input Current
VIN = +25V
VCC = +4.5V to +5.5V
3.6
8.3
mA
VIN = −25V
−3.6
−8.3
mA
VIN = +3V
0.43
1.0
mA
VIN = −3V
−0.43
−1.0
mA
VIN = +15V
VCC = 0V (Power-Off)
(1)
2.14
5.0
mA
VIN = −15V
−2.14
−5.0
mA
VIN = +3V
0.43
1.0
mA
VIN = −3V
−0.43
−1.0
mA
VOH
Output High Voltage
VIN = VTL (min)
IOUT = −3.2 mA
2.8
4.0
V
IOUT = −20μA
3.5
4.7
V
VOL
Output Low Voltage
VIN = VTH (max)
0.15
0.4
V
IOUT = +3.2 mA
ICC
Supply Current
No Load, VIN = 2.7V or 0.5V
0.5
900
μA
(1)
Under the power-off supply conditions it is assumed that the power supply potential drops to zero (0V) and is replaced by a low
impedance or short circuit to ground.
AC Electrical Characteristics
(1)
Over recommended operating conditions, unless otherwise specified, CI = 50 pF
Symbol
Parameter
ConditIons
Min
Typ
Max
Units
tPLH
Propagation Delay Low to High
Input Pulse Width
≥ 10 μs
3.5
6.5
μs
tPHL
Propagation Delay High to Low
Input Pulse Width
≥ 10 μs
3.2
6.5
μs
tSK
Typical Propagation Delay Skew
400
ns
tr
Output Rise TIme
40
300
ns
tf
Output Fall Time
40
300
ns
tnw
Pulse Width assumed to be Noise
1.0
μs
(1)
AC input waveforms for test purposes: tr = tf = 200 ns, VIH = +3V, VL = −3V, f = 20 KHz.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS14C89A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com