Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW49200HT Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AW49200HT
Description  4.9 GHz Outdoor Wireless Ethernet Radios up to 216 Mbps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AW49200HT Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AW49200HT Datasheet HTML 1Page - Infinite Electronics International, Inc. AW49200HT Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Example System Diagram
©2004 — 2014 AvaLAN Wireless Systems Incorporated. All rights reserved. AvaLAN Wireless and the AvaLAN Wireless logo are registered trademarks of AvaLAN Wireless Systems Incorporated. All other trademarks are property of their respective
owners. AvaLAN Wireless makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at
any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted by this document. Particular uses or applications may invalidate some of the specifications and/
or product descriptions contained herein. The customer is urged to perform its own engineering review before deciding on a particular application. AvaLAN Wireless products are not designed for use in medical, life saving, or life sustaining
applications.
Technical specifications
Copyright 2004-2014
:: AvaLAN Wireless Systems Inc. :: All rights reserved
12.1.2014
CHARACTERISTIC
SPECIFICATION/DESCRIPTION
RF transmission rate
216 Mbps
Ethernet data rate
Up to 130 Mbps
Output power AW49200HTA Access Point
4 Watts EIRP with 9 dBi omnidirectional antenna
Output power AW49200HTS Subscriber Unit
4 Watts EIRP with 23 dBi directional antenna
Power Consumption
17 Watts Maximum
Receiver Sensitivity
-115 dBm for HTS and HTP configurations, -101 dBm for the HTA
Frequency Range
4.940 GHz - 4.990 GHz
Channel Bandwidth
20 MHz
RF channels
2 Non-Overlapping with 20 MHz Channel Bandwidth
Modulation
OFDM (BPSK, QPSK, 16-QAM, 64-QAM. 256-QAM)
Range
Line-of-sight range up to 5 miles for HTA/HTS point-to-point
Browser Management Tools
QoS Statistics, Network Settings, Channel Selection
Data Security
128-bit AES-CCM
Operating Environment
-40ºC to +70ºC, IP66, sealed for outdoor operation: die cast aluminum package with rubber gasket seals
Mounting
Heavy Duty Pole-Mount Bracket included
Connector
10/100/1000 base T Ethernet RJ-45 with weatherproof sealing gland
Power System
Power Over Ethernet 24 VDC Injectors included: 100-240 VAC 50/60Hz primary source
AW49200HTA Antennas
Omnidirectional, 9 dBi gain in horizontal plane, 16” long
AW49200HTA Size
8.75” Square by 3.25” case plus 16” tall antenna, weight 7 lbs
AW49200HTS, HTP Antenna
Integrated 23 dBi flat panel, 13” square, 3 dB Beamwidth 10°
AW49200HTS, HTP Size
13” by 13” by 3.25”, not including pole-mount bracket, weight 7 lbs
Warranty
1 Year Parts & Labor, XTRa-Care Extended Warranty 2 Year Extension available
Certification
FCC, IC
AW49200HTA
AW49200HTS
AW49200HTP-PAIR
4.9 GHz Outdoor 800 Mbps Wireless
Ethernet Access Point
4.9 GHz Outdoor 800 Mbps Wireless
Ethernet Subscriber Unit
4.9 GHz Outdoor 800 Mbps Wireless Ethernet
Bridge
Includes:
(1) AW49200HTA Radio
(1) Heavy Duty Pole-Mount Bracket
(1) AW-POE-GIG Power Over Ethernet Injector
(1) AW-24VPS Power Suppy
Includes:
(1) AW49200HTS Radio
(1) Heavy Duty Pole-Mount Bracket
(1) AW-POE-GIG Power Over Ethernet Injector
(1) AW-24VPS Power Supply
Includes:
(1) AW49200HTP-AP Access Point Radio
(1) AW49200HTP-SU Subscriber Unit Radio
(2) Heavy Duty Pole-Mount Brackets
(2) AW-POE-GIG Power Over Ethernet Injectors
(2) AW-24VPS Power Supplies
Ordering Information
AW49200HTA
Access point
(master)
AW49200HTS
Subscriber Unit
(slave)
Fixed
Camera
PTZ
Camera
Monitoring
Computer
AW49200HTS
Subscriber Unit
(slave)
AW49200HTS
Subscriber Unit
(slave)
Fixed
Camera



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com