Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4906L Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4906L
Description  High Precision Hall-Effect Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906L Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4906L Datasheet HTML 4Page - Infineon Technologies AG TLE4906L Datasheet HTML 5Page - Infineon Technologies AG TLE4906L Datasheet HTML 6Page - Infineon Technologies AG TLE4906L Datasheet HTML 7Page - Infineon Technologies AG TLE4906L Datasheet HTML 8Page - Infineon Technologies AG TLE4906L Datasheet HTML 9Page - Infineon Technologies AG TLE4906L Datasheet HTML 10Page - Infineon Technologies AG TLE4906L Datasheet HTML 11Page - Infineon Technologies AG TLE4906L Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TLE4906H
TLE4906L
Maximum Ratings
Data Sheet
8
V 1.1, 2005-10
3
Maximum Ratings
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3
Absolute Maximum Ratings
Tj = – 40°C to 150°C
Parameter
Symbol
Limit Values
Unit
Conditions
min.
max.
Supply voltage
VS
– 18
– 18
– 18
18
24
26
V
for 1 h, Rs ≥ 200 Ω
for 5 min, Rs ≥ 200 Ω
Supply current
through
protection device
IS
– 50
+ 50
mA
Output voltage
VQ
– 0.7
– 0.7
18
26
V
for 5 min @ 1.2 k
Ω pull up
Continuous
output current
IQ
– 50
+ 50
mA
Junction
temperature
Tj
–
–
–
–
155
165
175
195
°C
for 2000 h (not additive)
for 1000 h (not additive)
for 168 h (not additive)
for 3 x 1 h (additive)
Storage
temperature
TS
– 40
150
°C
Magnetic flux
density
B
–
unlimited
mT
Table 4
ESD Protection 1)
1) Human Body Model (HBM) tests according to: EOS/ESD Association Standard S5.1-1993 and
Mil. Std. 883D method 3015.7
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
ESD voltage
VESD
–
± 6
kV
HBM, R = 1.5 k
Ω,
C = 100 pF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com