Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4946H Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4946H
Description  High Precision Bipolar Hall-Effect Latch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946H Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4946H Datasheet HTML 1Page - Infineon Technologies AG TLE4946H Datasheet HTML 2Page - Infineon Technologies AG TLE4946H Datasheet HTML 3Page - Infineon Technologies AG TLE4946H Datasheet HTML 4Page - Infineon Technologies AG TLE4946H Datasheet HTML 5Page - Infineon Technologies AG TLE4946H Datasheet HTML 6Page - Infineon Technologies AG TLE4946H Datasheet HTML 7Page - Infineon Technologies AG TLE4946H Datasheet HTML 8Page - Infineon Technologies AG TLE4946H Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Type
Package
TLE4946H
SC59
TLE4946-1L
PG-SSO-3-2
High Precision Bipolar Hall-Effect Latch
TLE4946H
TLE4946-1L
SC59SC59
PG-SSO-3-2
Data Sheet
5
V 1.1, 2005-10
1Overview
1.1
Features
•2.7 V to 24 V supply voltage operation
•
Operation from unregulated power supply
•
High sensitivity and high stability of the magnetic
switching points
•
High resistance to mechanical stress by
Active Error Compensation
•
Reverse battery protection (– 18 V)
•
Superior temperature stability
•
Peak temperatures up to 195°C without damage
•
Low jitter (typ. 1 µs)
•
High ESD performance (± 6 kV HBM)
•
Digital output signal
•
SMD package SC59 (SOT23 compatible) -
(TLE4946H))
•
Leaded package PG-SSO-3-2 - (TLE4946-1L)
1.2
Functional Description
The TLE4946H and the TLE4946-1L are integrated circuit Hall-effect sensors designed
specifically for highly accurate applications.
Precise magnetic switching points and high temperature stability are achieved by active
compensation circuits and chopper techniques on chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com