Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLAWNETDROP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AVLAWNETDROP
Description  4G Cellular Ethernet Gateway
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVLAWNETDROP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AVLAWNETDROP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
SPECIFICATION/DESCRIPTION
Cellular Carrier Certifications
AT&T, Verizon, Sprint, others pending
Technology/Bands
HSPA+/UMTS (800/850/900/1900/2100 MHz)
EDGE/GPRS/GSM (850/900/1800/1900 MHz)
EV-DO/CDMA (800/1900 MHz)
Data Rate (Downlink/Uplink)
HSPA+: 22 Mbps/6 Mbps, WCDMA: 384 kbps
GSM: 14.14kbps, GPRS: 85.6 kbps/42.8 kbps,
EDGE: 236.8 kbps/118.4 kbps
EV-DO: 3.1 Mbps/1.8 Mbps, CDMA 1xRTT: 153 kbps
Power Class
HSPA+/WCDMA: Class 3, GSM/GPRS 850/900 MHz: Class 4
GSM/GPRS 1800/1900 MHz: Class 1, EDGE: Class E2
Router Functionality
IPv4/IPv6, VPN (IPsec with IKE/ISAKMP, multiple tunnels,
DES/3DES/AES encryption, VPN pass-through, GRE forwarding), SSL/SSH,
SMS
Network Interface
RJ-45 Jack, 10/100 Base-T, 10/100 Mbps (auto-sensing), full-/half-duplex
(auto-sensing)
RF Antenna
2 dBi flexible omnidirectional antenna included, 11 dBi directional Yagi
optional
Power System
Power Over Ethernet, 18 VDC Injector included: 100-240 VAC 50/60Hz
primary source
Power Consumption
<6 W (CDMA Transmit), <2W idle. Built-in switching regulator
accomodates 12-48 VDC input.
Physical Package
Heavy die-cast Aluminum, black powder-coated finish, meets IP66
Standard for water and dust protection. Sealing gland for Ethernet cable
entry. Window in cover to view status LEDs.
Size
200 x 80 x 58 mm not including connectors; 0.570 Kg
Operating Environment
-40ºC to +70ºC
Warranty
1 Year Parts & Labor, XTRa-Care Extended Warranty 2 Year Extension avail-
able at nominal cost
This product allows you to connect an Ethernet network to the Internet via your choice of Cellular Service Providers
anywhere in the world. Qualcomm GobiTM 3000 technology supports essentially all of the RF bands, standards and pro-
tocols in use today. We do the work for you of provisioning your unit. We will contact you before shipment, open an
account with your chosen Cellular Service Provider and complete the configuration and testing of the link. The AvaLAN
AW-NetDrop provides all of the normal functions of an Ethernet router such as firewall, DHCP service, AES encryption,
tunneling and port routing.
The AvaLAN AW-NetDrop is packaged in a rugged and weatherproof diecast aluminum enclosure. Energy consumption
is low enough to accomodate solar power. The power connection to the AW-NetDrop is via POE (Power Over Ethernet),
allowing a single cable connection to the box. It may be equipped with a directional or omnidirectional antenna. The
standard omnidirectional antenna works well in most signal areas. An optional directional Yagi with 11 dBi of gain may
be used to improve reception in fringe locations.
The AW-NetDrop Gateway is at its best when mounted atop a tall pole with its antenna pointed toward
the appropriate cell tower and able to provide a robust and reliable Internet connection in a
remote fringe location. Connect your water tower, pumping station, power substation or
cabin in the woods and browse to it securely via the Internet and the cellular network.
AvaLAN’s products offer the ideal combination of price, range, data rate,
security, interference avoidance, quality-of-service, and a simple plug and
play set up with minimal user programming required.
4G Cellular Ethernet Gateway
www.avalanwireless.com
Corporate headquarters
:: (866) 533.6216
Technical support
:: (650) 384.0000
Screen Capture:
Web Browser-based
Configuration with built-in
help and tutorials
AW-NetDrop
Product Brief
Specifications
AW-NetDrop
4G Cellular Ethernet Gateway
Includes:
(1) 4G Cellular Ethernet Gateway
(1) AW-POE18i Power Over Ethernet
Injector with integrated power supply
Optional:
AW11-4G
Directional 11 dBi Yagi Antenna
To Order:
© AvaLAN Wireless Systems Incorporated. All rights reserved. AvaLAN Wireless and the AvaLAN Wireless logo are registered trademarks of AvaLAN Wireless Systems Incorporated. All other trademarks are
property of their respective owners. AvaLAN Wireless makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves the
right to make changes to specifications and product descriptions at any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights
is granted by this document. Particular uses or applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged to perform its own engineering
review before deciding on a particular application. AvaLAN Wireless products are not designed for use in medical, life saving, or life sustaining applications.
03.21.2012


Similar Part No. - AVLAWNETDROP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVLAW2400IS L-COM-AVLAW2400IS Datasheet
681Kb / 2P
FIPS 140-2 High Security 2.4 GHz Indoor Wireless Ethernet Radio
06.25.2013
AVLAW2400ITR L-COM-AVLAW2400ITR Datasheet
666Kb / 2P
2.4 GHz Indoor Wireless Ethernet Radio
06.25.2013
AVLAW2400ITRPAIR L-COM-AVLAW2400ITRPAIR Datasheet
666Kb / 2P
2.4 GHz Indoor Wireless Ethernet Radio
06.25.2013
AVLAW2400MSPI10 L-COM-AVLAW2400MSPI10 Datasheet
1Mb / 2P
2.4 GHz SPI to RF Module
10.04.2010
AVLAW2400MTR10 L-COM-AVLAW2400MTR10 Datasheet
1Mb / 2P
2.4 GHz Ethernet to RF Module
Version 10.04.2010
More results

Similar Description - AVLAWNETDROP

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30078-R1A WPI-WPANT30078-R1A Datasheet
465Kb / 6P
4G Cellular Panel Antenna
WPANT40021-C1B WPI-WPANT40021-C1B Datasheet
141Kb / 2P
4G / Cellular Embedded Antenna
logo
Red Lion Controls. Inc
ET-GT REDLION-ET-GT Datasheet
468Kb / 1P
Ethernet Mobus Gateway
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
4G Cellular
logo
ORing Industrial Networ...
IMG-6322GT ORING-IMG-6322GT Datasheet
1Mb / 5P
Industrial Cellular M2M Gateway
IMG-W6121-M12 ORING-IMG-W6121-M12 Datasheet
3Mb / 6P
Industrial Cellular M2M Gateway
logo
Advantech Co., Ltd.
ICR-3241 ADVANTECH-ICR-3241 Datasheet
604Kb / 4P
INDUSTRIAL IoT 4G LTE ROUTER & GATEWAY
June 3, 2020
logo
Maxtena Inc.
MEA-2700-UWB-SM MAXTENA-MEA-2700-UWB-SM Datasheet
825Kb / 4P
4G/LTE/CELLULAR/CDMA ANTENNA
REV A
logo
PHOENIX CONTACT
1173484 PHOENIX-1173484 Datasheet
231Kb / 9P
LoRaWAN gateway - LPWAN GATEWAY ETH/4G EU KIT
Dec 2, 2022
1173487 PHOENIX-1173487 Datasheet
223Kb / 8P
LoRaWAN gateway - LPWAN GATEWAY ETH/4G EU
Dec 2, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com