Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVX1008IPUS Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AVX1008IPUS
Description  ADDERView CATxIP 1000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVX1008IPUS Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AVX1008IPUS Datasheet HTML 1Page - Infinite Electronics International, Inc. AVX1008IPUS Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KVM over IP
Solutions
Experts in
Connectivity
Solutions
FEATURES
USB keyboard and mouse control
Any USB style keyboard and mouse (PC,
Mac or Sun) can
be used to control the AdderView
CATxIP 1000 switch. Full keyboard re-
mapping is supported to ensure seamless
cross platform functionality.
Faultless video quality
The AdderView CATxIP 1000 provides
exceptionally high video performance to
local users, supporting up to 1600 x 1200
resolutions with DDC emulation which
is further enhanced by DC balancing to
ensure full and true colour.
True multi-platform support
The AdderView CATxIP 1000 supports
any computer platforms with PS/2,
USB and Sun keyboard and mouse
interfaces. Country code reporting, DDC
and continuous keyboard and mouse
emulation ensure faultless operation.
Easy cascade
Expand simply by using just CATx cable to
link units. The CATxIP 1000 automatically
detects cascade connections to support
up to 256 computers. Fit 32 performance
KVM connections in 1U of rack space.
Optional CD quality audio
AdderView CATxIP 1000 switches
support CD quality 44.1kHz digital stereo
audio when optional audio enabled CAM
modules are used.
Options port
• Integration with RS232 controlled
power switches to provide a complete
hard reboot function
• Flash upgrade
• Sync with other CATxIP 1000 switches
for multi-video applications
• Upload/download CATxIP 1000 user
and host information
• Remote control
Global User (IP)
•Employing enterprise grade security
(using AES 128 bit encryption and RSA
2048 bit public key authentication)
•Use Java web browser or Real VNC
client software that, unlike HTTPS web
browsers, is designed specifically for
secure, high performance KVM over IP
applications
•Up to 1600 x 1200 resolutions with
scalable windows
Computer Access Modules
Flash upgradeable CAMs are available for
PS/2, USB and Sun keyboard and mouse
support with optional audio.
Rack mount / rack drawers
One or two CATxIP 1000 switches can
be mounted in 1U of rack height giving a
maximum of 32 ports per 1U.
User access control
Up to 16 different user profiles can be
created and access rights for each user
can be defined.
Embedded KVM option
CATxIP 1000 technology is available
without a casing for embedding within
other equipment such as rack drawers
and industrial equipment through an
interconnet header.
PRODUCT IN BRIEF
The AdderView CATxIP 1000 is a high
density, small form factor KVM switch
available with 8 or 16 ports to provide
local, remote and global access for us-
ers who need to control multi-platform
operating systems and hardware. The
CATxIP 1000 combines USB console
support, global IP access and a full KVM
feature set to create a truly modern
KVM switching solution delivering high
quality video and CD quality audio. A
focus on flexibility means the CATxIP
1000 is equally suited to applications
from professional server installations
or industrial processes through to of-
fice control. The CATxIP 1000 makes
full enterprise grade functionality and
quality available to everyone in a com-
pact desktop format.
ADDERView CATxIP 1000
High density fully featured USB,Video and Audio contol for local, remote
and global users
Performance KVM - high
density fully featured USB,
Video and Audio control
16 Port KVM over IP
16 PC/Mac/Sun Targets
Local User
LAN/WAN
Global User


Similar Part No. - AVX1008IPUS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVX1008IP-US L-COM-AVX1008IP-US Datasheet
737Kb / 2P
Performance KVM - high density fully featured USB, Video and Audio control
More results

Similar Description - AVX1008IPUS

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FS12-1000 TRIAD-FS12-1000 Datasheet
43Kb / 1P
FS12-1000
VPP10-1000 TRIAD-VPP10-1000 Datasheet
45Kb / 1P
VPP10-1000
VPP20-1000 TRIAD-VPP20-1000 Datasheet
46Kb / 1P
VPP20-1000
logo
Adels-Contact
125201 ADELS-125201 Datasheet
116Kb / 2P
1000/ 1
125202 ADELS-125202 Datasheet
117Kb / 2P
1000/ 2
125204 ADELS-125204 Datasheet
118Kb / 2P
1000/ 4
20/01/2020
125205 ADELS-125205 Datasheet
119Kb / 2P
1000/ 5
125207 ADELS-125207 Datasheet
120Kb / 2P
1000/ 7
125209 ADELS-125209 Datasheet
121Kb / 2P
1000/ 9
125210 ADELS-125210 Datasheet
122Kb / 2P
1000/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com