Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6402-20 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6402-20
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402-20 Datasheet(HTML) 2 Page - Linear Technology

  LT6402-20 Datasheet HTML 1Page - Linear Technology LT6402-20 Datasheet HTML 2Page - Linear Technology LT6402-20 Datasheet HTML 3Page - Linear Technology LT6402-20 Datasheet HTML 4Page - Linear Technology LT6402-20 Datasheet HTML 5Page - Linear Technology LT6402-20 Datasheet HTML 6Page - Linear Technology LT6402-20 Datasheet HTML 7Page - Linear Technology LT6402-20 Datasheet HTML 8Page - Linear Technology LT6402-20 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6401-20
2
640120f
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ – V–)..........................................3.6V
Input Current (Note 2)..........................................±10mA
Operating Temperature Range
(Note 3) ............................................... –40°C to 85°C
Specified Temperature Range
(Note 4) ............................................... –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Maximum Junction Temperature........................... 150°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
17
12
4
3
2
1
V+
VOCM
V+
V–
V–
ENABLE
V+
V–
TJMAX = 150°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS V–, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LTC6400 AND LTC6401 SELECTOR GUIDE
PART NUMBER
GAIN
(dB)
GAIN
(V/V)
ZIN (DIFFERENTIAL)
(Ω)
ICC
(mA)
LTC6400-20
20
10
200
90
LTC6401-20
20
10
200
50
In addition to the LTC6401 family of amplifiers, a lower distortion LTC6400 family is available. The LTC6400 is pin compatible to the LTC6401, and has the
same low noise performance. The low distortion of the LTC6400 comes at the expense of higher power consumption. Please refer to the separate LTC6400
data sheets for complete details. Other gain versions from 8dB to 26dB will follow.
Please check each datasheet for complete details.
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6401CUD-20#PBF
LTC6401CUD-20#TRPBF
LCDB
16-Lead (3mm × 3mm) Plastic QFN
0°C to 70°C
LTC6401IUD-20#PBF
LTC6401IUD-20#TRPBF
LCDB
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com