Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6406 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6406
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6406 Datasheet(HTML) 1 Page - Linear Technology

  LTC6406 Datasheet HTML 1Page - Linear Technology LTC6406 Datasheet HTML 2Page - Linear Technology LTC6406 Datasheet HTML 3Page - Linear Technology LTC6406 Datasheet HTML 4Page - Linear Technology LTC6406 Datasheet HTML 5Page - Linear Technology LTC6406 Datasheet HTML 6Page - Linear Technology LTC6406 Datasheet HTML 7Page - Linear Technology LTC6406 Datasheet HTML 8Page - Linear Technology LTC6406 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6401-20
1
640120f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1.3GHz Low Noise, Low
Distortion Differential ADC
Driver for 140MHz IF
The LTC®6401-20 is a high-speed differential amplifier
targeted at processing signals from DC to 140MHz. The
part has been specifically designed to drive 12-, 14- and
16-bit ADCs with low noise and low distortion, but can also
be used as a general-purpose broadband gain block.
The LTC6401-20 is easy to use, with minimal support
circuitry required. The output common mode voltage is
set using an external pin, independent of the inputs, which
eliminates the need for transformers or AC-coupling ca-
pacitors in many applications. The gain is internally fixed
at 20dB (10V/V).
The LTC6401-20 saves space and power compared to
alternative solutions using IF gain blocks and transform-
ers. The LTC6401-20 is packaged in a compact 16-lead
3mm × 3mm QFN package and operates over the –40°C
to 85°C temperature range.
■
1.3GHz –3dB Bandwidth
■
Fixed Gain of 10V/V (20dB)
■
–93dBc IMD3 at 70MHz (Equivalent OIP3 = 50.5dBm)
■
–74dBc IMD3 at 140MHz (Equivalent OIP3 = 41dBm)
■
1nV/√⎯H⎯z Internal Op Amp Noise
■
2.1nV/√⎯H⎯z Total Input Noise
■
6.2dB Noise Figure
■
Differential Inputs and Outputs
■
200Ω Input Impedance
■
2.85V to 3.5V Supply Voltage
■
50mA Supply Current (150mW)
■
1V to 1.6V Output Common Mode Voltage,
Adjustable
■
DC- or AC-Coupled Operation
■
Max Differential Output Swing 4.4VP-P
■
Small 16-Lead 3mm × 3mm × 0.75mm QFN Package
■
Differential ADC Driver
■
Differential Driver/Receiver
■
Single Ended to Differential Conversion
■
IF Sampling Receivers
■
SAW Filter Interfacing
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
29
Ω
66.5
Ω
0.1
μF
0.1
μF
640120 TA01a
LTC6401-20
VOCM
ENABLE
LTC2208
10
Ω
0.1
μF + 1000pF
INPUT
0.1
μF
LTC2208 130Msps
16-Bit ADC
1.25V
3.3V
10
Ω
AIN+
AIN–
VCM
VDD
20dB GAIN
V+
–IN
+IN
3.3V
+OUT
+OUTF
–OUTF
–OUT
V–
Single-Ended to Differential ADC Driver
Equivalent Output IP3 vs Frequency
FREQUENCY (MHz)
0
70
(NOTE 7)
60
50
40
30
20
10
0
100
50
150
640120 TA01b
200


Similar Part No. - LTC6406

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6406 LINER-LTC6406 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6406 LINER-LTC6406 Datasheet
635Kb / 16P
50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6406 LINER-LTC6406 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6406

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20 Datasheet
229Kb / 16P
1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14 Datasheet
226Kb / 16P
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Integrated Syste...
LTC6401CUD-8 LINEAR-LTC6401CUD-8 Datasheet
206Kb / 16P
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Technology
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14_15 Datasheet
225Kb / 16P
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com