Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVX5016IPUS Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AVX5016IPUS
Description  ADDERView CATxIP 5000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVX5016IPUS Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AVX5016IPUS Datasheet HTML 1Page - Infinite Electronics International, Inc. AVX5016IPUS Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KVM over IP
Solutions
Experts in
Connectivity
Solutions
16 ports over IP
High density fully
featured USB and Video control
FEATURES
4 simultaneous IP users
Allows 4 simultaneous global users to
connect via IP to any of the 16 connected
devices.
Faultless video quality
Direct connection for 1 local user to
connect straight into the switch.
LDAP integration
Authenticate users against your existing
LDAP infrastructure.This feature can be
enabled and disabled.
RS232 control
Integrated RS232 gives you the ability to
control other external devices such as
power management devices.
Ecopulse circuitry
Ecopulse powers down unnecessary
circuits when not required to reduce
power requirements. Over the life of the
product this will save significant power
resources.
Encryption and Authentication
This enterprise grade KVM over IP switch
employs AES128 bit encryption and
RSA2048 authentication ensuring your
control system remains secure at all times.
Configuration
The AVX5016 IP allows you to configure
16 separate users internally with unique
access privileges all of which are stored
within the switch.
Open Architecture
Adder’s continuous improvement policy
further ensures your system against
future hardware changes - Adder offers
free firmware updates for the life of the
product. Furthermore,Adder’s open
architecture design philosophy will not
tie you in to specific manufacturer’s
equipment.
ADDER. net
Network management software,
automating the task of managing your
network control hardware.
Intelligent video thresholding
Adder’s innovative active de-artifacting
technology automatically calculates the
ideal threshold for any computer or
KVM switch so that video displays are
refreshed with optimum immediacy -
while “screen junk” is kept to an
absolute minimum.
Flexible screen scaling
Adder solutions provide point-and-click
screen scaling, so that users can quickly
accommodate target devices running
any size display with any aspect ratio.
Adder solutions also allow users to
easily override scaling if and when they
require unscaled pixel-to-pixel mapping.
PRODUCT IN BRIEF
The ADDERView AVX5016 IP is the
culmination of Adder’s KVM over IP
expertise to date.This new device
offers 4 non blocking simultaneous IP
connections together with a local port
(5 separate users), and allows the user
to control 16 separate devices.The
AVX5016 IP is very small and compact
enabling you to fit two units side by
side to support 32 computers and 10
sessions in just 1U of rack space.
Using Adder’s CAM modules, you can
connect the switch via CAT5e cable to
any type of server including PC, Mac
and Sun. Country code reporting, DDC
and continuous keyboard and mouse
emulation further ensure faultless op-
eration across your unique installation.
ADDERView CATxIP 5000
High density fully featured USB and Video control for local, remote and global users
16 PC/Mac/Sun Targets
Local User
WAN
Global Users


Similar Part No. - AVX5016IPUS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVX5016IP-US L-COM-AVX5016IP-US Datasheet
700Kb / 2P
High density fully featured USB and Video control
More results

Similar Description - AVX5016IPUS

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-5000 ALCOA-99-5000 Datasheet
151Kb / 2P
99-5000
logo
Molex Electronics Ltd.
86065-5000 MOLEX-86065-5000 Datasheet
107Kb / 4P
86065-5000
logo
Ralston Instruments.
XHGV-5KPSI-M RALSTON-XHGV-5KPSI-M Datasheet
363Kb / 2P
XHGV (5000 psi / 350 bar) pump, 5000 psi analog gauge
logo
Protek Devices
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
5000 WATT TVS COMPONENT
logo
Winchester Electronics ...
KTK-14 WINCHESTER-KTK-14 Datasheet
127Kb / 1P
KTH-5000 SERIES
KTK-15 WINCHESTER-KTK-15 Datasheet
127Kb / 1P
KTH-5000 SERIES
logo
List of Unclassifed Man...
NEURON5000 ETC2-NEURON5000 Datasheet
3Mb / 8P
Neuron짰 5000 Processor
logo
Protek Devices
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
5000 WATT TVS COMPONENT
logo
Keysight Technologies
TS-5040 KEYSIGHT-TS-5040 Datasheet
260Kb / 7P
TS-5000 Family
logo
NHP Electrical Engineer...
5094-MB NHP-5094-MB Datasheet
498Kb / 1P
FLEX 5000 MOUNTING BASE
8 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com