Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3486MX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # DS3486MX/NOPB
Description  DS3486 Quad RS-422, RS-423 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS3486MX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS3486MX/NOPB Datasheet HTML 1Page - Texas Instruments DS3486MX/NOPB Datasheet HTML 2Page - Texas Instruments DS3486MX/NOPB Datasheet HTML 3Page - Texas Instruments DS3486MX/NOPB Datasheet HTML 4Page - Texas Instruments DS3486MX/NOPB Datasheet HTML 5Page - Texas Instruments DS3486MX/NOPB Datasheet HTML 6Page - Texas Instruments DS3486MX/NOPB Datasheet HTML 7Page - Texas Instruments DS3486MX/NOPB Datasheet HTML 8Page - Texas Instruments DS3486MX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS3486
www.ti.com
SNLS354D – MAY 1998 – REVISED APRIL 2013
DS3486 Quad RS-422, RS-423 Line Receiver
Check for Samples: DS3486
1
FEATURES
DESCRIPTION
Texas Instruments' quad RS-422, RS-423 receiver
2
•
Four Independent Receivers
features four independent receivers which comply
•
TRI-STATE Outputs
with EIA Standards for the electrical characteristics of
•
Internal Hysteresis
−140 mV (typ)
balanced/unbalanced voltage digital interface circuits.
Receiver outputs are 74LS compatible, TRI-STATE
•
Fast Propagation Times
−19 ns (typ)
structures which are forced to a high impedance state
•
TTL Compatible Outputs
when the appropriate output control pin reaches a
•
5V Supply
logic zero condition. A PNP device buffers each
output control pin to assure minimum loading for
•
Pin Compatible and Interchangeable with
either logic one or logic zero inputs. In addition, each
MC3486
receiver has internal hysteresis circuitry to improve
noise margin and discourage output instability for
slowly changing input waveforms.
Block and Connection Diagrams
Figure 1. Dual-In-Line Package
Top View
D-16 (SOIC) Package or NFG0016E (PDIP)
Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS3486MX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3486MX/NOPB TI1-DS3486MX/NOPB Datasheet
767Kb / 12P
DS3486 Quad RS-422, RS-423 Line Receiver
More results

Similar Description - DS3486MX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1691A NSC-DS1691A Datasheet
275Kb / 10P
(RS-422/RS-423) Line Drivers with TRI-STATE Outputs
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
Quad RS-422, RS-423 Line Receiver
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
logo
Analog Devices
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
Octal, RS-232/RS-423 Line Receiver
REV.0
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Sipex Corporation
SP306 SIPEX-SP306 Datasheet
74Kb / 6P
RS-422/RS-423 Line Drivers/Receivers
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180JPZ AD-ADM5180JPZ Datasheet
109Kb / 6P
Octal, RS-232/RS-423 Line Receiver
REV. 0
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
DS3486 Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180 AD-ADM5180_15 Datasheet
109Kb / 6P
Octal, RS-232/RS-423 Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com