Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXAMMPSF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXAMMPSF
Description  ADP,MMCX PLUG / SMA JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXAMMPSF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXAMMPSF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.56
14.25
.33
8.50
.32
8.0
1/4-36 UNS-2A
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 6 GHZ
INSERTION LOSS: .2 dB MAX.
MISCELLANEOUS:
CONNECTOR SHALL BE PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
GOLD
CENTER PIN
PHOSPHOR BRONZE
GOLD
INSULATOR
TEFLON
-
RETAINING RING BERYLLIUM COPPER
GOLD
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-MMPSF
A
AXA-MMPSF.SLDDRW
1
1
D. PARHAM
12/21/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K. BURGNER
12/21/10
12/21/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADP,MMCX PLUG / SMA JACK
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
12/21/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - AXAMMPSF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXAMPSF L-COM-AXAMPSF Datasheet
118Kb / 1P
ADP,MCX PLUG / SMA JACK
11/11/10
More results

Similar Description - AXAMMPSF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73065 POMONA-73065 Datasheet
126Kb / 1P
MMCX Plug to SMA Bulkhead Jack, RG316/U
73066 POMONA-73066 Datasheet
125Kb / 1P
MMCX Right-Angle Plug to SMA Bulkhead Jack, RG316/U
73078 POMONA-73078 Datasheet
126Kb / 1P
MMCX Plug to SMA Bulkhead Jack, RG178B/U
logo
Molex Electronics Ltd.
89761-6800 MOLEX2-89761-6800 Datasheet
87Kb / 1P
SMA JACK BLKHD TO MMCX PLUG STR ON RG178 CA-MMCX/SMA
logo
Pasternack Enterprises,...
PE9477 PASTERNACK-PE9477 Datasheet
239Kb / 2P
SMA Female to MMCX Jack Adapter
PE9478 PASTERNACK-PE9478 Datasheet
241Kb / 2P
SMA Male to MMCX Jack Adapter
PE9480 PASTERNACK-PE9480 Datasheet
246Kb / 2P
MMCX Plug to MMCX Jack Adapter
logo
Linx Technologies
ADP-SMAF-MMXM LINX-ADP-SMAF-MMXM Datasheet
347Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO MMCX PLUG (MALE PIN)
ADP-SMAM-MMXF LINX-ADP-SMAM-MMXF Datasheet
357Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MMCX JACK (FEMALE SOCKET)
logo
Molex Electronics Ltd.
897616801 MOLEX-897616801 Datasheet
86Kb / 1P
SMA JACK BLKHD T0O MMCX PLUG STR ON RG178 CA-MMCX/SMA
2009/01/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com