Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXAMPSF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXAMPSF
Description  ADP,MCX PLUG / SMA JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXAMPSF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXAMPSF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.60
15.2
1/4" -36UNS-2A
BODY 2
BODY 1
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 6 GHZ
INSERTION LOSS: .2 dB MAX.
MISCELLANEOUS:
CONNECTOR SHALL BE PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
DESCRIPTION
MATERIAL
FINISH
BODY 1
BRASS
GOLD
BODY 2
BERYLLIUM COPPER
GOLD
DIELECTRIC
TEFLON
---
PIN
PHOSPHOR BRONZE
GOLD
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-MPSF
A
AXA-MPSF.SLDDRW
1
1
K. BURGNER
11/11/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K. BURGNER
11/11/10
11/11/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADP,MCX PLUG / SMA JACK
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
11/11/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - AXAMPSF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXAMMPSF L-COM-AXAMMPSF Datasheet
123Kb / 1P
ADP,MMCX PLUG / SMA JACK
12/21/10
More results

Similar Description - AXAMPSF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
89761-6772 MOLEX2-89761-6772 Datasheet
88Kb / 1P
CA SMA JACK STR BKHD TO MCX PLUG R/A
logo
Pasternack Enterprises,...
PE9470 PASTERNACK-PE9470 Datasheet
239Kb / 2P
SMA Female to MCX Jack Adapter
PE9472 PASTERNACK-PE9472 Datasheet
241Kb / 2P
SMA Male to MCX Jack Adapter
PE9479 PASTERNACK-PE9479 Datasheet
246Kb / 2P
MCX Plug to MCX Jack Adapter
logo
Johanson Technology Inc...
134-1018-001 JOHANSON-134-1018-001 Datasheet
53Kb / 1P
ASSEMBLY, ADAPTER BETWEEN SERIES SMA PLUG TO MCX JACK
logo
Rosenberger Hochfrequen...
29S153-K00Z5 ROSENBERGER-29S153-K00Z5 Datasheet
40Kb / 2P
ADAPTOR mcx plug ??N JACK
29S132-K01N5 ROSENBERGER-29S132-K01N5 Datasheet
41Kb / 2P
ADAPTOR mcx plug ??sma JACK
logo
Linx Technologies
ADP-SMAF-MCXM LINX-ADP-SMAF-MCXM Datasheet
348Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO MCX PLUG (MALE PIN)
ADP-SMAM-MCXF LINX-ADP-SMAM-MCXF Datasheet
346Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MCX JACK (FEMALE SOCKET)
logo
Huber+Suhner, Inc.
33_MCX-SMA-50-1111_U HUBERSUHNER-33_MCX-SMA-50-1111_U Datasheet
512Kb / 2P
COAXIAL ADAPTER, MCX - SMA, 50 Ohm, plug / jack (male / female)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com