Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358E Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC??II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
MPC8358E PowerQUICC™ II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 1
68
Freescale Semiconductor
Package and Pin Listings
3. Maximum solder ball diameter measured parallel to datum A.
4. Datum A, the seating plane, is determined by the spherical crowns of the solder balls.
5. Parallelism measurement must exclude any effect of mark on top surface of package.
6. Distance from the seating plane to the encapsulant material.
21.3
Pinout Listings
Table 65 shows the pin list of the MPC8358E PBGA package.
Table 65. MPC8358E PBGA Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
DDR SDRAM Memory Controller Interface
MEMC_MDQ[0:63]
AD20, AG24, AF24, AH24, AF23, AE22, AH26, AD21,
AH25, AD22, AF27, AB24, AG25, AC22, AE25, AC24,
AD25, AB25, AC25, AG28, AD26, AE23, AG26, AC26,
AD27, V25, AA28, AA25, Y26, W27, U24, W24, E28,
H24, E26, D25, G27, H25, G26, F26, F27, F25, D26, F24,
G25, E27, D27, C28, C27, F22, B26, F21, B28, E22, D24,
C24, A25, E20, F20, D20, A23, C21, C23, E19
I/O
GVDD
MEMC_MECC[0:7]
N26, N24, J26, H28, N28, P24, L26, K24
I/O
GVDD
MEMC_MDM[0:8]
AG23, AD23, AE26, V28, G28, D28, D23, B24, U27
O
GVDD
MEMC_MDQS[0:8]
AH23, AH27, AF28, T28, H26, E25, B25, A24, R28
I/O
GVDD
MEMC_MBA[0:2]
V26, W28, Y28
O
GVDD
MEMC_MA[0:14]
L25, M25, M24, K28, P28, T24, M27, R25, P25, L28,
U26, M28, L27, K27, H27
OGVDD
MEMC_MODT[0:3]
AE21, AC19, E23, B23
GVDD
6
MEMC_MWE
R27
O
GVDD
MEMC_MRAS
W25
O
GVDD
MEMC_MCAS
R24
O
GVDD
MEMC_MCS[0:3]
T26, U28, J25, F28
O
GVDD
MEMC_MCKE[0:1]
AD24, AE28
O
GVDD
3
MEMC_MCK[0:5]
AG22, AG27, A26, C26, P26, E21
O
GVDD
MEMC_MCK[0:5]
AF22, AF26, A27, B27, N27, D22
O
GVDD
MDIC[0:1]
F19, AA27
I/O
GVDD
11
PCI
PCI_INTA/
PF[5]
R3
I/O
LVDD22
PCI_RESET_OUT/
PF[6]
P6
I/O
LVDD2
PCI_AD[0:31]/
PG[0:31]
AB5, AC5, AG1, AA5, AF2, AD4, Y6, AF1, AE2, AC4,
AD3, AE1, Y4, AC3, AD2, AD1, AB2, Y3, AA1, Y1, W1,
V6, W3, V4, T5, W2, V5, V1, U4, V2, U2, T2
I/O
LVDD2
PCI_C_BE[0:3]/
PF[7:10]
Y5, AC2, Y2, U5
I/O
OVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com