Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXANFRTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXANFRTP
Description  N-Female To RP-TNC Plug Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXANFRTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXANFRTP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.42
36.1
UNDIMENSIONED FEATURES
1
A
B
C
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
MAY OCCUR
AXA-NFRTP
8
A
AXA-NFRTP.SLDDRW
1
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
CONNECTOR
INSERTION LOSS: .15 dB MAX
FREQUENCY RANGE: DC~11 GHz
WITHSTAND VOLTAGE: 1000V
VOLTAGE RATING: 500 VOLTS PEAK
IMPEDENCE: 50 OHMS
A
Plug Adapter
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
N-Female To RP-TNC
NOTES:
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
RoHS Compliant
M.Audas
M.Audas
04/19/10
04/19/10
03/19/10
ELECTRICAL:
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
04/19/03 B.Puchaski
B.Puchaski
Initial Release
DESCRIPTION
MATERIAL
FINISH
CENTER PIN
BRASS
GOLD
BODY-1
BRASS
NICKEL
BODY-2
BRASS
NICKEL
RETAINING RING
BRASS
NICKEL
GASKET
RUBBER
---
INSULATOR
PTFE
---


Similar Part No. - AXANFRTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXANFRTP2 L-COM-AXANFRTP2 Datasheet
58Kb / 1P
RP-TNC PLUG TO N FEMALE
11/3/11
More results

Similar Description - AXANFRTP

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
78800 AMPHENOL-78800 Datasheet
79Kb / 1P
ADAPTER N MALE TO TNC FEMALE
logo
Pasternack Enterprises,...
PE9089 PASTERNACK-PE9089 Datasheet
253Kb / 3P
N Female to TNC Male Adapter
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
N Male to TNC Female Adapter
PE9099 PASTERNACK-PE9099 Datasheet
245Kb / 3P
TNC Female to TNC Female Adapter
PE9131 PASTERNACK-PE9131 Datasheet
251Kb / 3P
N Female to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9482 PASTERNACK-PE9482 Datasheet
261Kb / 3P
N Female to TNC Female Bulkhead Adapter
PE9545 PASTERNACK-PE9545 Datasheet
246Kb / 2P
TNC Female to MCX Plug Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9449 PASTERNACK-PE9449 Datasheet
232Kb / 2P
Precision N Female to TNC Female Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com