Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA131AP Datasheet(PDF) 9 Page - Texas Instruments

Part # INA131AP
Description  Precision G = 100 INSTRUMENTATION AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA131AP Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA131AP Datasheet HTML 5Page - Texas Instruments INA131AP Datasheet HTML 6Page - Texas Instruments INA131AP Datasheet HTML 7Page - Texas Instruments INA131AP Datasheet HTML 8Page - Texas Instruments INA131AP Datasheet HTML 9Page - Texas Instruments INA131AP Datasheet HTML 10Page - Texas Instruments INA131AP Datasheet HTML 11Page - Texas Instruments INA131AP Datasheet HTML 12Page - Texas Instruments INA131AP Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
®
INA131
9
INA131
V
IN
–
V
IN
+
OPA602
1M
Ω
1M
Ω
Ref
V
O
Common-mode resistors have
approximately 0.1% effect
on gain.
100
Ω
Shield is driven at the
common-mode potential.
FIGURE 4. Shield Driver Circuit.
INA131
Ref
V
O
100µA
V+
V+
R
Z
RTD
1
2
3
Equal line resistance here creates
a small common-mode voltage
which is rejected by INA131.
Resistance in this line causes
a small common-mode voltage
which is rejected by INA131.
V
O = 0V at RRTD = RZ
REF200
FIGURE 5. RTD Temperature Measurement Circuit.
FIGURE 6. Thermocouple Amplifier with Cold Junction Compensation.
SEEBECK
ISA
COEFFICIENT
R2
R4
TYPE
MATERIAL
(
µV/°C)
(R3 = 100Ω)(R5 + R6 = 100Ω)
E
Chromel
58.5
3.48k
Ω
56.2k
Ω
Constantan
J
Iron
50.2
4.12k
Ω
64.9k
Ω
Constantan
K
Chromel
39.4
5.23k
Ω
80.6k
Ω
Alumel
T
Copper
38.0
5.49k
Ω
84.5k
Ω
Constantan
NOTES: (1) –2.1mV/
°C at 200µA. (2) R
7 provides down-scale burn-out indication.
REF102
R
80.6k
4
Ω
R
1M
7
Ω
R
5.23k
2
Ω
R
27k
1
Ω
R
100
3
Ω
1N4148
Cu
Cu
R
50
5
Ω
R
100
Zero Adj
6
Ω
V+
K
6
10.0V
4
(1)
(2)
2
INA131
V
O
Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com