Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358E Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
72
Freescale Semiconductor
Package and Pin Listings
PCI_IRDY/
CE_PF[14]
C28
I/O
OVDD
5
PCI_STOP/
CE_PF[15]
B28
I/O
OVDD
5
PCI_DEVSEL/
CE_PF[16]
E26
I/O
OVDD
5
PCI_IDSEL/
CE_PF[17]
F22
I/O
OVDD
PCI_SERR/
CE_PF[18]
B29
I/O
OVDD
5
PCI_PERR/
CE_PF[19]
A29
I/O
OVDD
5
PCI_REQ[0]/
CE_PF[20]
F19
I/O
LVDD2
PCI_REQ[1]/
CPCI_HS_ES/
CE_PF[21]
A21
I/O
LVDD2
PCI_REQ[2]/
CE_PF[22]
C21
I/O
LVDD2
PCI_GNT[0]/
CE_PF[23]
E20
I/O
LVDD2
PCI_GNT[1]/
CPCI1_HS_LED/
CE_PF[24]
B20
I/O
LVDD2
PCI_GNT[2]/
CPCI1_HS_ENUM/
CE_PF[25]
C20
I/O
LVDD2
PCI_MODE
D36
I
OVDD
M66EN/
CE_PF[4]
B37
I/O
OVDD
Local Bus Controller Interface
LAD[0:31]
N32, N33, N35, N36, P37, P32, P34, R36, R35, R34,
R33, T37, T35, T34, T33, U37, T32, U36, U34, V36, V35,
W37, W35, V33, V32, W34, Y36, W32, AA37, Y33, AA35,
AA34
I/O
OVDD
LDP[0]/
CKSTOP_OUT
AB37
I/O
OVDD
LDP[1]/
CKSTOP_IN
AB36
I/O
OVDD
LDP[2]/
LCS[6]
AB35
I/O
OVDD
LDP[3]/
LCS[7]
AA33
I/O
OVDD
LA[27:31]
AC37, AA32, AC36, AC34, AD36
O
OVDD
LCS[0:5]
AD33, AG37, AF34, AE33, AD32, AH37
O
OVDD
Table 66. MPC8360E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com