Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA152EA/250 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA152EA/250
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA152EA/250 Datasheet(HTML) 1 Page - Texas Instruments

  INA152EA/250 Datasheet HTML 1Page - Texas Instruments INA152EA/250 Datasheet HTML 2Page - Texas Instruments INA152EA/250 Datasheet HTML 3Page - Texas Instruments INA152EA/250 Datasheet HTML 4Page - Texas Instruments INA152EA/250 Datasheet HTML 5Page - Texas Instruments INA152EA/250 Datasheet HTML 6Page - Texas Instruments INA152EA/250 Datasheet HTML 7Page - Texas Instruments INA152EA/250 Datasheet HTML 8Page - Texas Instruments INA152EA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEATURES
q SWING: to Within 200mV of Either Output Rail
q LOW OFFSET DRIFT:
±3µV/°C
q LOW OFFSET VOLTAGE:
±250µV
q HIGH CMR: 94dB
q LOW GAIN ERROR: 0.01%
q LOW GAIN ERROR DRIFT: 1ppm/
°C
q WIDE SUPPLY RANGE:
Single: 2.7V to 20V
Dual:
±1.35V to ±10V
q MSOP-8 PACKAGE
Single-Supply
DIFFERENCE AMPLIFIER
DESCRIPTION
The INA152 is a small (MSOP-8), low-power, unity-
gain difference amplifier consisting of a CMOS op
amp and a precision resistor network. The on-chip
resistors are laser trimmed for accurate gain and high
common-mode rejection. Excellent TCR tracking of
the resistor maintains gain accuracy and common-
mode rejection over temperature. The input common-
mode voltage range extends to above the positive and
APPLICATIONS
q DIFFERENCE INPUT AMPLIFIER
BUILDING BLOCK
q UNITY-GAIN INVERTING AMPLIFIER
q GAIN = 1/2
q AMPLIFIER GAIN = 2 AMPLIFIER
q SUMMING AMPLIFIER
q SYNCHRONOUS DEMODULATOR
q CURRENT AND DIFFERENTIAL LINE
RECEIVER
q VOLTAGE-CONTROLLED CURRENT
SOURCE
q BATTERY-POWERED SYSTEMS
q LOW-COST AUTOMOTIVE INSTRUMEN-
TATION
negative rails and the output swings to within 50mV of
either rail.
The difference amplifier is the foundation of many
commonly used circuits. The INA152 provides preci-
sion circuit function without using an expensive pre-
cision network.
The INA152 is specified for operation over the ex-
tended industrial temperature range, –40
°C to +85°C.
INA152
Copyright © 2001, Texas Instruments Incorporated
SBOS184
Printed in U.S.A. January, 2001
www.ti.com
V
IN+
V+
V–
Ref
40k
Ω
40k
Ω
40k
Ω
40k
Ω
V
IN–
Sense
V
O
INA152
2
3
74
1
5
6


Similar Part No. - INA152EA/250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA152EA/250 TI1-INA152EA/250 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
INA152EA/250G4 TI1-INA152EA/250G4 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
More results

Similar Description - INA152EA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
Single-Supply 42 V System Difference Amplifier
4/04-Revision 0
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA152 TI1-INA152 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com