Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA154U/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA154U/2K5
Description  High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA154U/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  INA154U/2K5 Datasheet HTML 1Page - Texas Instruments INA154U/2K5 Datasheet HTML 2Page - Texas Instruments INA154U/2K5 Datasheet HTML 3Page - Texas Instruments INA154U/2K5 Datasheet HTML 4Page - Texas Instruments INA154U/2K5 Datasheet HTML 5Page - Texas Instruments INA154U/2K5 Datasheet HTML 6Page - Texas Instruments INA154U/2K5 Datasheet HTML 7Page - Texas Instruments INA154U/2K5 Datasheet HTML 8Page - Texas Instruments INA154U/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
®
INA154
SPECIFICATIONS: VS = ±15V
At TA = +25°C, VS = ±15V, RL = 2kΩ connected to ground, and reference pin connected to ground, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
INA154U
INA154UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE(1)
RTO
Initial
±100
±750
V
±1500
µV
vs Temperature
±2
±20
VV
µV/°C
vs Power Supply
VS = ±4V to ±18V
±5
±60
VV
µV/V
vs Time
0.5
V
µV/mo
INPUT IMPEDANCE(2)
Differential
50
V
k
Ω
Common-Mode
50
V
k
Ω
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
Positive
VO = 0V
2(V+) – 5
2(V+) – 4
VV
V
Negative
VO = 0V
2(V–) + 5
2(V–) + 2
VV
V
Common-Mode Rejection Ratio
VCM = –25V to 25V, RS = 0Ω
80
90
74
V
dB
OUTPUT VOLTAGE NOISE(3)
RTO
f = 0.1Hz to 10Hz
2.6
V
µVp-p
f = 1kHz
52
V
nV/
√Hz
GAIN
Initial
1
V
V/V
Error
VO = –13V to +13V
±0.02
±0.05
V
±0.1
%
vs Temperature
±1
±10
VV
ppm/
°C
Nonlinearity
VO = –13V to +13V
±0.0001
±0.001
V
±0.002
% of FS
OUTPUT
Voltage, Positive
(V+) – 2
(V+) – 1.8
VV
V
Negative
(V–) + 2
(V–) + 1.6
VV
V
Current Limit, Continuous to Common
±60
V
mA
Capacitive Load (stable operation)
500
V
pF
FREQUENCY RESPONSE
Small-Signal Bandwidth
–3dB
3.1
V
MHz
Slew Rate
14
V
V/
µs
Settling Time: 0.1%
10V Step, CL = 100pF
2
V
µs
0.01%
10V Step, CL = 100pF
3
V
µs
Overload Recovery Time
50% Overdrive
3
V
µs
POWER SUPPLY
Rated Voltage
±15
V
V
Operating Voltage Range
±4
±18
VV
V
Quiescent Current
IO = 0mA
±2.4
±2.9
VV
mA
TEMPERATURE RANGE
Specified
–40
+85
VV
°C
Operation
–55
+125
VV
°C
Storage
–55
+125
VV
°C
Thermal Resistance,
Θ
JA
SO-8 Surface-Mount
150
V
°C/W
VSpecifications the same as INA154U.
NOTES: (1) Includes effects of amplifier’s input bias and offset currents. (2) 25k
Ω resistors are ratio matched but have ±20% absolute value. (3) Includes effects
of amplifier’s input current noise and thermal noise contribution of resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com