Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA155 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA155
Description  Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA155 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA155 Datasheet HTML 8Page - Texas Instruments INA155 Datasheet HTML 9Page - Texas Instruments INA155 Datasheet HTML 10Page - Texas Instruments INA155 Datasheet HTML 11Page - Texas Instruments INA155 Datasheet HTML 12Page - Texas Instruments INA155 Datasheet HTML 13Page - Texas Instruments INA155 Datasheet HTML 14Page - Texas Instruments INA155 Datasheet HTML 15Page - Texas Instruments INA155 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
INA155E/250
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 85
A55
INA155E/250.B
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 85
A55
INA155EA/250
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-
A55
INA155EA/250.B
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 85
A55
INA155EA/2K5
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-
A55
INA155EA/2K5.B
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 85
A55
INA155U
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-2-260C-1 YEAR
-
INA
155U
INA155U.B
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 85
INA
155U
INA155U/2K5
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-
INA
155U
INA155U/2K5.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 85
INA
155U
INA155UA
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-2-260C-1 YEAR
-
INA
155U
A
INA155UA.B
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 85
INA
155U
A
INA155UA/2K5
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-
INA
155U
A
INA155UA/2K5.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 85
INA
155U
A
INA155UG4
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-2-260C-1 YEAR
See INA155U
INA
155U
(1) Status: For more details on status, see our product life cycle.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com