Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4245 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4245
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4245 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4245 Datasheet HTML 16Page - Linear Technology LTC4245 Datasheet HTML 17Page - Linear Technology LTC4245 Datasheet HTML 18Page - Linear Technology LTC4245 Datasheet HTML 19Page - Linear Technology LTC4245 Datasheet HTML 20Page - Linear Technology LTC4245 Datasheet HTML 21Page - Linear Technology LTC4245 Datasheet HTML 22Page - Linear Technology LTC4245 Datasheet HTML 23Page - Linear Technology LTC4245 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC4223-1/LTC4223-2
21
422312f
CL1
1000
μF
3.3V
3.3V
R4
10k
12V
10A
3.3VAUX
150mA
12VOUT
12VSENSE 12VGATE
12VIN
VCC
AUXIN
AUXOUT
12IMON
12ON
AUXON
12PGOOD
FAULT
EN
AUXPGOOD
RS
4m
Ω
Q1
Si7336ADP
12V
3.3V
BACKPLANE
CONNECTOR
CARD
CONNECTOR
TIMER
LTC4223-1
GND
R3
10
Ω
CT
0.1
μF
RG
47
Ω
CG
15nF
PWREN
PWRFLT
GND
BD_SEL
R1
10
Ω
R5
10k
R9
10k
Z1
SMAJ13A
422312 TA03
TO SYSTEM
CONTROLLER
3.3V
3.3V
CS
1
μF
C1
100nF
LTC1197L
VCC
CLK
DOUT
+IN
–IN
VREF
GND
Q2
2N7002K
+
CL2
150
μF
+
R6
10k
3.3V
R8
10k
R2
51
Ω
C2
330nF
R7
2.7
Ω
C3
100nF
Z2
SMAJ5.0A
Card Resident Application with 12V Power Up First Followed by 3.3V Auxiliary
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com