Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4252-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4252-1
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4252-1 Datasheet HTML 1Page - Linear Technology LTC4252-1 Datasheet HTML 2Page - Linear Technology LTC4252-1 Datasheet HTML 3Page - Linear Technology LTC4252-1 Datasheet HTML 4Page - Linear Technology LTC4252-1 Datasheet HTML 5Page - Linear Technology LTC4252-1 Datasheet HTML 6Page - Linear Technology LTC4252-1 Datasheet HTML 7Page - Linear Technology LTC4252-1 Datasheet HTML 8Page - Linear Technology LTC4252-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4223-1/LTC4223-2
2
422312f
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
12VIN ..................................................... –0.3V to 20V
AUXIN.................................................... –0.3V to 10V
VCC........................................................... –0.3V to 7V
Input Voltages
12ON, AUXON, ⎯E⎯N ................................... –0.3V to 7V
TIMER..........................................–0.3V to VCC + 0.3V
12VSENSE ............................................... –0.3V to 20V
Output Voltages
⎯F⎯A⎯U⎯L⎯T, ⎯1⎯2⎯P⎯G⎯O⎯O⎯D, ⎯A⎯U⎯X⎯P⎯G⎯O⎯O⎯D,
12IMON ................................................... –0.3V to 7V
(Note 1)
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
12VSENSE
12VIN
12IMON
12ON
AUXIN
VCC
AUXON
GND
12VGATE
12VOUT
12PGOOD
FAULT
AUXOUT
AUXPGOOD
EN
TIMER
TJMAX = 125°C, θJA = 110°C/W
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
12VGATE
12VOUT
12PGOOD
FAULT
AUXOUT
AUXPGOOD
EN
TIMER
12VSENSE
12VIN
12IMON
12ON
AUXIN
VCC
AUXON
GND
TOP VIEW
DHD PACKAGE
16-LEAD (5mm
× 4mm) PLASTIC DFN
EXPOSED PAD (PIN 17) PCB GND CONNECTION OPTIONAL
MUST BE SOLDERED TO PCB TO OBTAIN
θJA = 43°C/W, OTHERWISE θJA = 140°C/W, TJMAX = 125°C
PIN CONFIGURATION
ORDER INFORMATION
12VGATE ................................................. –0.3V to 25V
12VOUT - 12VGATE (Note 3) ................... –4.5V to 0.3V
AUXOUT................................................. –0.3V to 10V
Operating Temperature Range
LTC4223-1C/ LTC4223-2C ....................... 0°C to 70°C
LTC4223-1I/ LTC4223-2I ..................... –40°C to 85°C
Storage Temperature Range
GN Package ....................................... –65°C to 150°C
DHD Package..................................... –65°C to 125°C
Lead Temperature (Soldering, 10sec)
GN Package ...................................................... 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4223CDHD-1#PBF
LTC4223CDHD-1#TRPBF
42231
16-Lead (5mm × 4mm) Plastic DFN
0°C to 70°C
LTC4223CDHD-2#PBF
LTC4223CDHD-2#TRPBF
42232
16-Lead (5mm × 4mm) Plastic DFN
0°C to 70°C
LTC4223IDHD-1#PBF
LTC4223IDHD-1#TRPBF
42231
16-Lead (5mm × 4mm) Plastic DFN
–40°C to 85°C
LTC4223IDHD-2#PBF
LTC4223IDHD-2#TRPBF
42232
16-Lead (5mm × 4mm) Plastic DFN
–40°C to 85°C
LTC4223CGN-1#PBF
LTC4223CGN-1#TRPBF
42231
16-Lead Plastic SSOP
0°C to 70°C
LTC4223CGN-2#PBF
LTC4223CGN-2#TRPBF
42232
16-Lead Plastic SSOP
0°C to 70°C
LTC4223IGN-1#PBF
LTC4223IGN-1#TRPBF
4223I1
16-Lead Plastic SSOP
–40°C to 85°C
LTC4223IGN-2#PBF
LTC4223IGN-2#TRPBF
4223I2
16-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com