Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2621 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2621
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2621 Datasheet(HTML) 5 Page - Linear Technology

  LTC2621 Datasheet HTML 1Page - Linear Technology LTC2621 Datasheet HTML 2Page - Linear Technology LTC2621 Datasheet HTML 3Page - Linear Technology LTC2621 Datasheet HTML 4Page - Linear Technology LTC2621 Datasheet HTML 5Page - Linear Technology LTC2621 Datasheet HTML 6Page - Linear Technology LTC2621 Datasheet HTML 7Page - Linear Technology LTC2621 Datasheet HTML 8Page - Linear Technology LTC2621 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2753
5
2753f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t17
UPD Valid to I/O Propagation Delay
CL = 10pF
●
26
ns
t18
D/S Valid to READ Rising Edge
(Note 10)
●
7ns
t19
READ Rising Edge to UPD Rising Edge
No Update
●
0ns
t20
UPD Falling Edge to READ Falling Edge
No Update
●
0ns
t22
READ Falling Edge to UPD Rising Edge
(Note 10)
●
7ns
t23
I/O Bus Hi-Z to READ Rising Edge
(Note 10)
●
0ns
t24
READ Falling Edge to I/O Bus Active
(Note 10)
●
20
ns
CLR Timing
t25
CLR Pulse Width Low
●
15
ns
VDD = 2.7V to 3.3V
Write and Update Timing
t1
I/O Valid to WR Rising Edge Set-Up
●
15
ns
t2
I/O Valid to WR Rising Edge Hold
●
15
ns
t3
WR Pulse Width Low
●
30
ns
t4
UPD Pulse Width High
●
30
ns
t5
UPD Falling Edge to WR Falling Edge
No Data Shoot-Through
●
0ns
t6
WR Rising Edge to UPD Rising Edge
(Note 10)
●
0ns
t7
D/S Valid to WR Falling Edge Set-Up Time
●
7ns
t8
WR Rising Edge to D/S Valid Hold Time
●
7ns
t9
A1-A0 Valid to WR Falling Edge Setup Time
●
7ns
t10
WR Rising Edge to A1-A0 Valid Hold Time
●
0ns
t11
A1-A0 Valid to UPD Rising Edge Setup Time
●
15
ns
t12
UPD Falling Edge to A1-A0 Valid Hold Time
●
15
ns
Readback Timing
t13
WR Rising Edge to Read Rising Edge
●
10
ns
t14
Read Falling Edge to WR Falling Edge
(Note 10)
●
35
ns
t15
Read Rising Edge to I/O Propagation Delay
CL = 10pF
●
53
ns
t26
A1-A0 Valid to READ Rising Edge Setup Time
●
35
ns
t27
READ Falling to A1-A0 Valid Hold Time
(Note 10)
●
0ns
t17
UPD Valid to I/O Propagation Delay
CL = 10pF
●
43
ns
t18
D/S Valid to Read Rising Edge
(Note 10)
●
12
ns
t19
Read Rising Edge to UPD Rising Edge
No Update
●
0ns
t20
UPD Falling Edge to Read Falling Edge
No Update
●
0ns
TIMING CHARACTERISTICS The ● denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com