Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2641 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2641
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2641 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2641 Datasheet HTML 16Page - Linear Technology LTC2641 Datasheet HTML 17Page - Linear Technology LTC2641 Datasheet HTML 18Page - Linear Technology LTC2641 Datasheet HTML 19Page - Linear Technology LTC2641 Datasheet HTML 20Page - Linear Technology LTC2641 Datasheet HTML 21Page - Linear Technology LTC2641 Datasheet HTML 22Page - Linear Technology LTC2641 Datasheet HTML 23Page - Linear Technology LTC2641 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC2753
21
2753f
APPLICATIONS INFORMATION
1/2 LT1469
1/2 LT1469
DAC A
LTC2753-16
VREF
5V
2
1
3
45
46
47
2
1
1
48
IOUT1A
15pF
IOUT2A
RFBA
RVOSA
REFA
RCOM
RIN
ROFSA
VOUTA
4
44
6
1
23
IOUT2
2
3
*SCHOTTKY BARRIER DIODE
ZETEX*
BAT54S
LT1001
2753 F02
1000pF
ALTERNATE AMPLIFIER FOR OPTIMUM SETTLING TIME PERFORMANCE
6
1
23
4,32
LT1468
3
ZETEX
BAT54S
2
200Ω
200Ω
IOUT2
150pF
3
2
Figure 2. Optional Circuits for Driving IOUT2 from GND with a Force/Sense Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com