Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS85 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS85
Description  Schottky barrier diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS85 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS85 Datasheet HTML 1Page - NXP Semiconductors BAS85 Datasheet HTML 2Page - NXP Semiconductors BAS85 Datasheet HTML 3Page - NXP Semiconductors BAS85 Datasheet HTML 4Page - NXP Semiconductors BAS85 Datasheet HTML 5Page - NXP Semiconductors BAS85 Datasheet HTML 6Page - NXP Semiconductors BAS85 Datasheet HTML 7Page - NXP Semiconductors BAS85 Datasheet HTML 8Page - NXP Semiconductors BAS85 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BAS85_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 25 March 2009
3 of 9
NXP Semiconductors
BAS85
Schottky barrier diode
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
320
K/W
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 0.1 mA
-
-
240
mV
IF = 1 mA
-
-
320
mV
IF = 10 mA
-
-
400
mV
IF = 30 mA
-
-
500
mV
IF = 100 mA
-
-
800
mV
IR
reverse current
VR =25V
[1] -
-
2.3
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
-
-
10
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com