Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACT-SE Datasheet(PDF) 2 Page - Coherent Corp

Part # COMPACT-SE
Description  Industrial High Power Diode Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPACT-SE Datasheet(HTML) 2 Page - Coherent Corp

  COMPACT-SE Datasheet HTML 1Page - Coherent Corp COMPACT-SE Datasheet HTML 2Page - Coherent Corp COMPACT-SE Datasheet HTML 3Page - Coherent Corp COMPACT-SE Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Compact SE Series Datasheet
SPECIFICATIONS
Compact SE
Nominal Power (W)
50
50
100
Power Range (%)
5 to 100
Laser Beam Quality (BPP) (mm * mrad)
44
22
22
Power Stability Over 24-hour (%)
±2
Pulse Frequency Range (kHz)
Laser-On Signal (kHz)
Analog Modulation (Hz)
1
1
600
Wavelength (nm)
808
980
980
ELECTRICAL RATINGS
Voltage
110 to 240 (1P/N/PE) 50/60 Hz
Connected Load (VA)
550
500
700
Effective Power at Nominal Power (W)
500
450
550
Max. Current Consumption at 230 V (A)
3
2.5
3.6
Fuses Type (A)
4
4
4
FIBER DELIVERY SYSTEM
Interface
SMA
Diameter (µm)
800
200
200
Numerical Aperture
0.12
0.22
0.22
Length (m)
≤20
Accessories (Options)
Fixed Optics, Scanners, Process control via Pyrometer, Radial Optics, Line Optics
DIMENSIONS & WEIGHTS
Laser Dimension (L x W x H)
360 x 222 (1/2 19”) x 129 mm (3 HU) (14.17 x 8.74 x 5.08 in.)
Laser Weight
8 kg (17.64 lbs) per unit
ENVIRONMENTAL CONDITIONS
Ambient Temperature in Operation
18 to 40°C (64 to 104°F)
Storage Temperature
5 to 50°C (41 to 122°F)
CUSTOMER INTERFACE
Analog Power (V DC)
0 to 10
Digital Signals (V DC)
24
Interface for Control via PC
Ethernet via browser
OPTIONS LASER
Mounting Kit
19” front plate for 2 laser units or laser unit + converter box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com