Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5323 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N5323
Description  SMALL SIGNAL PNP TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5323 Datasheet(HTML) 1 Page - STMicroelectronics

  2N5323 Datasheet HTML 1Page - STMicroelectronics 2N5323 Datasheet HTML 2Page - STMicroelectronics 2N5323 Datasheet HTML 3Page - STMicroelectronics 2N5323 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N5322
2N5323
SMALL SIGNAL PNP TRANSISTORS
s
SILICON EPITAXIAL PLANAR PNP
TRANSISTORS
s
MEDIUM POWER AMPLIFIER
s
NPN COMPLEMENTS ARE 2N5320 AND
2N5321
DESCRIPTION
The 2N5322 and 2N5323 are silicon epitaxial
planar PNP transistors in Jedec TO-39 metal
case.
They
are
especially
intended
for
high-voltage
medium
power
application
in
industrial and commercial equipments.
The complementary NPN types are respectively
the 2N5320 and 2N5321
INTERNAL SCHEMATIC DIAGRAM
June 1997
TO-39
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
2N5322
2N5323
VCBO
Collector-Base Voltage (IE = 0)
-100
-75
V
VCEV
Collector-Emitter Voltage (VBE = -1.5V)
-100
-75
V
VCEO
Collector-Emitter Voltage (IB = 0)
-75
-50
V
VEBO
Emitter-Base Voltage (IC = 0)
-6
-5
V
IC
Collector Current
-1.2
A
ICM
Collector Peak Current
-2
A
IB
Base Current
-1
A
Ptot
Total Dissipation at Tamb = 25
oC1
W
Ptot
Total Dissipation at Tc = 25
oC10
W
Tstg, Tj
Storage and Junction Temperature
-65 to 200
oC
1/4


Similar Part No. - 2N5323

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5323 SEME-LAB-2N5323 Datasheet
19Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
logo
Fairchild Semiconductor
2N5323 FAIRCHILD-2N5323 Datasheet
345Kb / 11P
10 Watt NPN-PNP Silicon Power
logo
Boca Semiconductor Corp...
2N5323 BOCA-2N5323 Datasheet
77Kb / 2P
SWITCHING TRANSISTORS (PNP SILICON)
logo
Central Semiconductor C...
2N5323 CENTRAL-2N5323 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5323 ETC-2N5323 Datasheet
347Kb / 8P
Power Transistors
More results

Similar Description - 2N5323

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com