Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6400 Datasheet(PDF) 2 Page - Synology Inc.

Part # FS6400
Description  FlashStation FS6400
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS6400 Datasheet(HTML) 2 Page - Synology Inc.

  FS6400 Datasheet HTML 1Page - Synology Inc. FS6400 Datasheet HTML 2Page - Synology Inc. FS6400 Datasheet HTML 3Page - Synology Inc. FS6400 Datasheet HTML 4Page - Synology Inc. FS6400 Datasheet HTML 5Page - Synology Inc. FS6400 Datasheet HTML 6Page - Synology Inc. FS6400 Datasheet HTML 7Page - Synology Inc. FS6400 Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DATASHEET | FlashStation FS6400
Uncompromising Performance
Synology FlashStation FS6400 is a 2U rackmount server designed for
I/O-intensive and latency-sensitve tasks. Featuring two
Intel® Xeon®
Silver processors with Non-Uniform Memory Access (NUMA) I/O
optimization,
24 drive bays supporting 2.5" SAS/SATA SSD, and 32GB
DDR4 ECC RDIMM, FS6400 provides over 240,000 iSCSI 4K random
write IOPS and is ideal for multimedia post-production, virtual machines,
online transaction processing, or database applications.
FS6400 comes with
two 10GBASE-T ports and supports optional network
interface cards for high-speed data transmission. Storage capacity
can be further scaled up with Synology expansion unit
RX1217sas/
RX2417sas, providing up to 72 storage drives with elastic expandability.
5-year product warranty guarantees hardware replacement and
technical support services, maximizing your return on investment (ROI).
Btrfs: Next Generation Storage Efficiency
FS6400 introduces the
Btrfs file system, bringing the most advanced
storage technologies to meet the management needs of modern
businesses:
•
Advanced snapshot technology provides schedulable,
near-instantaneous data protection of shared folders and iSCSI LUNs.
•
File and folder level data restoration brings huge conveniences
and saves time for users who wish to restore only a specific file or
folder.
•
Flexible shared folder and user quota system provide
comprehensive quota control on all user accounts and shared
folders.
•
File self-healing: Btrfs file system is able to auto-detect corrupted
files with mirrored metadata and recover broken data using the
supported RAID volumes, which include RAID1, 5, 6, 10, and Synology
RAID F1.
Next-Generation File System
A modern file system designed to address obstacles
often encountered in enterprise storage systems,
safeguarding data integrity through metadata
mirroring, self-healing and snapshot replication.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com