Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7802SM Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7802SM
Description  High efficiency digital input quad power amplifier with built-in diagnostics features, ’start stop’ compatible
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7802SM Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7802SM Datasheet HTML 1Page - STMicroelectronics TDA7802SM Datasheet HTML 2Page - STMicroelectronics TDA7802SM Datasheet HTML 3Page - STMicroelectronics TDA7802SM Datasheet HTML 4Page - STMicroelectronics TDA7802SM Datasheet HTML 5Page - STMicroelectronics TDA7802SM Datasheet HTML 6Page - STMicroelectronics TDA7802SM Datasheet HTML 7Page - STMicroelectronics TDA7802SM Datasheet HTML 8Page - STMicroelectronics TDA7802SM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Block diagram and pins description
TDA7802
4/10
DocID025017 Rev 4
Table 2. Flexiwatt27 pins description
N°
Pin
Function
1
TAB
TAB connection
Ground
2
PLLen
Pll loop filter / ENABLE
Input
3
PWGND2
Power ground channel 2
Power Ground
4
OUT 2-
Channel 2 (Left Rear) negative output
Power Output
5
WS
Word select (I2S bus)
Logic Input
6
OUT 2+
Channel 2 (Left Rear) positive output
Power Output
7
VCC12
Channel 1 and 2 positive supply
Battery
8
OUT 1-
Channel 1 (Left Front) negative output
Power Output
9
PWGND1
Power ground channel 1
Power Ground
10
OUT 1+
Channel 1 (Left Front) positive output
Power Output
11
SCK
Serial clock (I2S bus)
Logic Input
12
SD24
Serial data channels 2 and 4 (I2S bus)
Logic Input
13
SD13
Serial data channels 1 and 3 (I2S bus)
Logic Input
14
DGND
Digital ground
Signal Ground
15
AGND
Analog ground
Signal Ground
16
D3V3
Digital 3.3 V supply filter
Digital Regulator
17
A3V3
Analog 3.3 V supply filter
Analog Regulator
18
OUT3+
Channel 3 (right front) positive output
Power Output
19
PWGND3
Power ground channel 3
Power Ground
20
OUT3-
Channel 3 (right front) negative output
Power Output
21
VCC34
Channels 3 and 4 positive supply
Battery
22
OUT4+
Channel 4 (right rear) positive output
Power Output
23
CDdiag
Clip detector and diagnostic output:
Overcurrent protection intervention
Thermal warning
POR
Output DC offset
Output short to VCC/GND
Open Drain Output
24
OUT4-
Channel 4 (right rear) negative output
Power Output
25
PWGND4
Power ground channel 4
Power Ground
26
SDAlm
I2C data/legacy mode mute
Signal Input/Output
27
SCLlen
I2C clock/enable legacy mode
Signal Input



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com