Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3154BA1C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSSC3154BA1C
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154BA1C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3154BA1C Datasheet HTML 9Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 10Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 11Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 12Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 13Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 14Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 15Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 16Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ZSSC3154 Datasheet
R36DS0046ED0160 Rev.1.50
Apr 19, 2024
Page 13
PGA Gain
aIN
Maximum Input Span
VIN_SPAN [mV/V] 1
Input Common Mode Range
VIN_CM [% VDDA] 2
XZC = Off
XZC = On
210
3.6
29 to 65
45 to 55
140
5.4
29 to 65
45 to 55
105
7.1
29 to 65
45 to 55
70
10.7
29 to 65
45 to 55
52.5
14.3
29 to 65
45 to 55
35
21.4
29 to 65
45 to 55
26.3
28.5
29 to 65
45 to 55
14
53.75
29 to 65
45 to 55
9.3
80
29 to 65
45 to 55
7
107
29 to 65
45 to 55
2.8
267
32 to 57
Not applicable
1.
Recommended maximum internal signal range is 80% of supply voltage.
Span is calculated by the following formula: VIN_SPAN = 0.8 (VVBR_T – VVBR_B) / aIN.
2.
Refer to section 3.8.2 for an explanation of the analog offset compensation.
Recommendation: To achieve the best stability and linearity performance of the AFE, operate the PGA in a
voltage range within 10% to 90% of the ratiometric reference voltage VREF = (VVBR_T
– VVBR_B). The gain must be
selected to guarantee this constraint for the entire operating temperature range of the application and for the
specified sensor bridge tolerances.
3.8.2
Offset Compensation
The ZSSC3154 supports two methods for sensor offset compensation:
■
Digital offset correction is processed during the signal conditioning calculation by the calibration micro-
controller (CMC).
■
Extended analog offset compensation (XZC) is achieved by adding a compensation voltage into the analog
signal path. This removes large offsets up to 300% of signal span and prevents overdriving the analog signal
path.
Table 6. Extended Analog Offset Compensation Ranges (XZC)
PGA Gain
aIN
Maximum
Input Span
VIN_SPAN [mV/V]
Offset Shift / XZC Step
[% VIN_SPAN]
Maximum Offset Shift
[mV/V]
Maximum Offset Shift
(XZC = ±31)
[% VIN_SP]
420
1.8
12.5
7.8
388
280
2.7
7.6
7.1
237
210
3.6
12.5
15.5
388
140
5.4
7.6
14.2
237
105
7.1
12.5
31
388
70
10.7
7.6
28
237
52.5
14.3
12.5
62
388
35
21.4
7.6
57
237
26.3
28.5
5.2
52
161
14
53.6
12.5
233
388
10
80
7.6
207
237
7
107
5.2
194
161
2.8
267
0.83
78
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com