Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5415S Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N5415S
Description  HIGH-VOLTAGE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5415S Datasheet(HTML) 1 Page - STMicroelectronics

  2N5415S Datasheet HTML 1Page - STMicroelectronics 2N5415S Datasheet HTML 2Page - STMicroelectronics 2N5415S Datasheet HTML 3Page - STMicroelectronics 2N5415S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N5415S
October 1988
HIGH-VOLTAGE AMPLIFIER
The 2N5415S is a silicon planar epitaxial PNP tran-
sistor in Jedec TO-39 metal case, intended for high
vol-tage switching and linear amplifier applications.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-base Voltage (IE = 0)
– 200
V
VCEO
Collector-emitter Voltage (IB = 0)
– 200
V
VEBO
Emitter-base Voltage (I C =0)
– 4
V
I CM
Collector Peak Current
– 1
A
Pto t
Total Power Dissipation at T amb ≤ 25 °C
at T case ≤ 25 °C
1
10
W
W
T st g,Tj
Storage and Junction Temperature
– 55 to 200
°C
DESCRIPTION
INTERNAL SCHEMATIC DIAGRAM
TO-39
1/4


Similar Part No. - 2N5415S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5415S MICROSEMI-2N5415S Datasheet
67Kb / 2P
PNP LOW POWER SILICON TRANSISTOR
More results

Similar Description - 2N5415S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC393 STMICROELECTRONICS-BC393 Datasheet
66Kb / 5P
HIGH VOLTAGE AMPLIFIER
Jan-1989
BC394 STMICROELECTRONICS-BC394 Datasheet
75Kb / 5P
HIGH VOLTAGE AMPLIFIER
Jan-1989
BFW43 STMICROELECTRONICS-BFW43 Datasheet
59Kb / 5P
HIGH VOLTAGE AMPLIFIER
Nov-1997
logo
Fairchild Semiconductor
KSA709 FAIRCHILD-KSA709 Datasheet
37Kb / 4P
High Voltage Amplifier
KSC1009 FAIRCHILD-KSC1009 Datasheet
37Kb / 4P
High Voltage Amplifier
logo
List of Unclassifed Man...
2SA709 ETC-2SA709 Datasheet
93Kb / 2P
HIGH VOLTAGE AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK690 MSK-MSK690 Datasheet
127Kb / 4P
HIGH VOLTAGE AMPLIFIER
logo
List of Unclassifed Man...
QA452 ETC1-QA452 Datasheet
26Kb / 2P
High Voltage Amplifier
logo
Fairchild Semiconductor
KSA709CGBU FAIRCHILD-KSA709CGBU Datasheet
43Kb / 4P
High Voltage Amplifier
KSA709YTA FAIRCHILD-KSA709YTA Datasheet
43Kb / 4P
High Voltage Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com