Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM9433CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM9433CSRL
Description  20V P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM9433CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM9433CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM9433CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM9433CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM9433CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM9433CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM9433CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM9433
20V P-Channel MOSFET
1/6
Version: A07
SOP-8
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Application
●
Load Switch
●
PA Switch
Ordering Information
Part No.
Package
Packing
TSM9433CS RL
SOP-8
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
-5.4
A
Pulsed Drain Current
IDM
-20
A
Continuous Source Current (Diode Conduction)
a,b
IS
-2.6
A
Ta = 25
oC
2.5
Maximum Power Dissipation
Ta = 70
oC
PD
1.6
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
RӨJC
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
50
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 5 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
45 @ VGS = -4.5V
-5.4
-20
70 @ VGS = -2.5V
-4.2
Block Diagram
P-Channel MOSFET
Pin Definition:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain


Similar Part No. - TSM9433CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
20V P-Channel MOSFET
TSM9434CSRL TSC-TSM9434CSRL Datasheet
359Kb / 6P
20V P-Channel MOSFET
TSM9434CSRL TSC-TSM9434CSRL Datasheet
366Kb / 6P
20V P-Channel MOSFET
TSM9434CSRL TSC-TSM9434CSRL Datasheet
230Kb / 6P
20V P-Channel MOSFET
TSM9434CSRLG TSC-TSM9434CSRLG Datasheet
230Kb / 6P
20V P-Channel MOSFET
More results

Similar Description - TSM9433CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
20V P-Channel MOSFET
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
20V P-Channel MOSFET
TSM2301 TSC-TSM2301_07 Datasheet
346Kb / 6P
20V P-Channel MOSFET
TSM3441 TSC-TSM3441_07 Datasheet
392Kb / 6P
20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
20V P-Channel MOSFET
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com