Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2906 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2906
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2906 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2906 Datasheet HTML 3Page - Linear Technology LTC2906 Datasheet HTML 4Page - Linear Technology LTC2906 Datasheet HTML 5Page - Linear Technology LTC2906 Datasheet HTML 6Page - Linear Technology LTC2906 Datasheet HTML 7Page - Linear Technology LTC2906 Datasheet HTML 8Page - Linear Technology LTC2906 Datasheet HTML 9Page - Linear Technology LTC2906 Datasheet HTML 10Page - Linear Technology LTC2906 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2917/LTC2918
7
29178f
GND: Device Ground.
⎯M⎯R (LTC2918 only): Manual Reset Input (Active Low). A
low level on the ⎯M⎯R input causes the part to issue a reset,
which is released one reset timeout after the input goes
high. The pin has an internal 100k pull-up to VCC, and
thus may interface directly to a momentary pushbutton.
Leave open if unused.
⎯R⎯S⎯T: Open Drain ⎯R⎯S⎯T Output. Asserts low when VM is
below the threshold selected by SEL1, SEL2 and TOL input
pins. Held low for an adjustable timeout after VM input is
above threshold.
RT: Reset Timeout Control Pin. Attach an external capaci-
tor (CRT) to GND to set a reset timeout of 9ms/nF. Leave
RT open to generate a reset timeout of approximately
400μs. Tie RT to VCC to generate a reset timeout of ap-
proximately 200ms.
SEL1, SEL2: Monitor Voltage Select Three-State Input.
SEL1, and SEL2 control the nominal threshold voltage
that VM is set to monitor. Connect to VCC, GND or leave
unconnected in open state. (See Table 1).
TOL (LTC2917 only): Three-State Input for Supply Tol-
erance Selection (–5%, –10% or –15%). Controls the
tolerance band at which the VM supply is monitored.
Connect to VCC, GND, or leave unconnected in open state.
(See Table 2)
VCC: Power Supply input. Bypass this pin to ground with
a 0.1μF ceramic capacitor. A minimum of 1.5V on VCC
ensures that the part is out of under voltage lockout and
that the voltage thresholds are accurate. Operates as a
direct supply input for voltages up to 5.5V. Operates as a
shunt regulator for supply voltages greater than 5.7V and
should have a resistor between this pin and the supply
to limit VCC input current to no greater than 5mA. When
used without a current-limiting resistor, pin voltage must
not exceed 5.7V.
VM: Voltage Monitor Input to ⎯R⎯S⎯T comparator. SEL1, SEL2
and TOL inputs select the exact threshold that asserts the
⎯R⎯S⎯T output.
WDI: Watchdog Input. This pin must be driven to change
state within a time less than the watchdog upper bound-
ary time, or ⎯R⎯S⎯T will be asserted low. On the LTC2917-B,
LTC2918-B, the period must also be greater than the
watchdog lower boundary time, and only falling edges
are considered. Tie WT and WDI to GND to disable the
watchdog timer.
WT: Watchdog Timer Control Pin. Attach an external
capacitor (CWT) to GND to set a watchdog upper bound-
ary timeout time of 72ms/nF. Tie WT to VCC to generate a
timeout of approximately 1.6s. Leave WT open to generate
a timeout of approximately 3.2ms. Tie WT and WDI to
GND to disable the watchdog timer.
Exposed Pad (DFN Only): Exposed pad may be left open
or connected to device ground.
PIN FUNCTIONS
SUPPLY VOLTAGE, VCC (V)
0
0
1
2
3
4
5
6
1234
29178 G10
5
10k PULL-UP R TO VCC
SEL1 = SEL2 = TOL = 0V
VM = 0.5V
SUPPLY VOLTAGE, VCC (V)
0
0
1
2
3
4
5
6
123
4
29178 G11
5
RST AT 150mV
RST AT 50mV
IRST (mA)
0
0.6
0.8
1.0
8
29178 G12
0.4
0.2
0
2
4
6
10
TA = 125°C
TA = 25°C
TA = –40°C
NO PULL-UP R
VCC = 2.5V
TYPICAL PERFORMANCE CHARACTERISTICS
⎯R⎯S⎯T Output Voltage vs VCC
⎯R⎯S⎯T Pull-Down Current vs VCC
⎯R⎯S⎯T VOL vs IRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com