Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHS35F-87-R2-SS-12GC Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # XHS35F-87-R2-SS-12GC
Description  3,5” BLIND - HOLLOW SHAFT ABSOLUTE ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-87-R2-SS-12GC Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  XHS35F-87-R2-SS-12GC Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-87-R2-SS-12GC Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-87-R2-SS-12GC Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-87-R2-SS-12GC Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-87-R2-SS-12GC Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-87-R2-SS-12GC Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-87-R2-SS-12GC Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
Copyright © 2024 Sensata Technologies, Inc.
www.sensata.com
Shocks (EN 60068-2-27)
≤ 500 m.s-2 (during 11 ms)
Vibrations (EN 60068-2-6)
≤ 200 m.s-2 (5…2 000Hz)
EMC
EN 61000-6-2, EN 61000-6-4
Isolation
1 000V eff
Operating Temperature
See Electrical table above
Storage Temperature (1)
-40°C ... +100°C
Protection (EN 60529)
IP 65 (NEMA 4 & 13)
Humidity
93% RH non-condensing at 20 °C
Environmental
(1)
Extended temperature ratings : some models can operate down to -55°C. Extended temperature ranges can affect other performance factors. Consult with factory for more specific
information.
Output Signals
Operating
Voltage
+V
Supply
Current
(no loads)
Current
per
Channel
Short
Circuit
Proof
Overvoltage
protection
Reverse
Polarity
Tolerant
Resolutions
category (1)
Operating
Temperature
Range (2) (3)
Digital
Parallel
output (4)
28/V
HTL
4,75-30V
<75mA
<20mA
Yes
Up to 33V
Yes
Standard
-40°C..
+100°C
High
-20°C.. +90°C
28/5
TTL
4,75-30V
<75mA
<10mA
Yes
(Except to +V)
Up to 33V
Yes
Standard
-40°C..
+100°C
High
-20°C.. +90°C
28/O
Open
Collector
4,75-30V
<75mA
<20mA
Yes
Up to 33V
Yes
Standard
-40°C..
+100°C
High
-20°C.. +90°C
Digital
Serial
output (5)
S3
SSI
4,75-30V
<75mA
<20mA
Yes
(Except to +V)
Up to 33V
Yes
Standard
-40°C..
+100°C
High
-20°C.. +90°C
Analog
output (6)
A1
Analog
4..20mA
15-30V
<100mA
<20mA
Yes
(Except to +V)
Up to 33V
Yes
16 bits
-40°C.. +85°C
A2
Analog
0..10V
15-30V
<100mA
<20mA
Yes
(Except to +V)
Up to 33V
Yes
16 bits
-40°C.. +85°C
A3
Analog
0..20mA
15-30V
<100mA
<20mA
Yes
(Except to +V)
Up to 33V
Yes
16 bits
-40°C.. +85°C
A4
Analog
0..5V
15-30V
<100mA
<20mA
Yes
(Except to +V)
Up to 33V
Yes
16 bits
-40°C.. +85°C
A5
Analog
0..24mA
15-30V
<100mA
<20mA
Yes
(Except to +V)
Up to 33V
Yes
16 bits
-40°C.. +85°C
Electrical
(1)
Two resolutions categories available for digital outputs interfaces :
(2)
Surface encoder temperature
(3)
UL Listed: -20°C +80°C. Device must be supplied by a Class 2, LPS or SELV limited energy source 250mA.
(4) -
Output IC’s are available as either Line Driver or NPN Open Collector types. Open Collectors require external pull-up resistors, resultingin higher output source impedance (sink impedance
is similar to that of line drivers). In general, use of a Line Driver style output is recommended.
Line Drivers source or sink current and their lower impedance mean better noise immunity and faster switching times.
Warning: Do not connect any line driver outputs permanently to 0V,+V or to any other signal. This may overtime damage the driver. Unused outputs should be isolated and left floating.
Our applications specialists would be pleased to discuss your system requirements and the compatibility of your receiving electronics with Line Driver type outputs.
(5)
SSI interface clock up to 1MHz, depending on cable lenght. Contact factory for details.
(6)
Analog outputs are based on 16bits DAC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com