Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDH2S02FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # JDH2S02FS
Description  Schottky Barrier Diode Silicon Epitaxial Planar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDH2S02FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  JDH2S02FS Datasheet HTML 1Page - Toshiba Semiconductor JDH2S02FS Datasheet HTML 2Page - Toshiba Semiconductor JDH2S02FS Datasheet HTML 3Page - Toshiba Semiconductor JDH2S02FS Datasheet HTML 4Page - Toshiba Semiconductor JDH2S02FS Datasheet HTML 5Page - Toshiba Semiconductor JDH2S02FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
JDH2S02FS
2
5. Electrical Characteristics (Note) (Unless otherwise specified, Ta = 25 �)
Characteristics
Forward voltage
Forward current
Reverse current
Total capacitance
Symbol
VF
IF
IR
Ct
Test Condition
IF = 1 mA
VF = 0.5 V
VR = 0.5 V
VR = 0.2 V, f = 1.0 MHz
Min
�
2
�
�
Typ.
0.24
�
�
0.4
Max
�
�
25
�
Unit
V
mA
µA
pF
Note:
Signal level for capacitance measurement: Vsig = 20 mVrms
6. Marking
2024-01-30
Rev.2.0
©2024
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com