Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1271IPWR Datasheet(PDF) 30 Page - Texas Instruments

Part # ADS1271IPWR
Description  24-Bit, Wide Bandwidth Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1271IPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS1271IPWR Datasheet HTML 26Page - Texas Instruments ADS1271IPWR Datasheet HTML 27Page - Texas Instruments ADS1271IPWR Datasheet HTML 28Page - Texas Instruments ADS1271IPWR Datasheet HTML 29Page - Texas Instruments ADS1271IPWR Datasheet HTML 30Page - Texas Instruments ADS1271IPWR Datasheet HTML 31Page - Texas Instruments ADS1271IPWR Datasheet HTML 32Page - Texas Instruments ADS1271IPWR Datasheet HTML 33Page - Texas Instruments ADS1271IPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ADS1271
SBAS306F − NOVEMBER 2004 − REVISED OCTOBER 2007
www.ti.com
30
1.8V to 3.3V (1)
Tie to
Either
DVDD
or GND
+5V
Differential
Inputs
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
100
Ω
+5V
+
+
50
Ω
10
µF
10
µF0.1µF
0.47
µF
0.1
µF
+
0.1
µF
100pF
100pF
10
µF
+5V
1nF
100
µF
0.1
µF
0.1
µF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VREFP
VREFN
DGND
DVDD
CLK
SCLK
DRDY/
FSYNC
DOUT
AINP
AINN
AGND
AVDD
MODE
FORMAT
SYNC/
PDWN
DIN
ADS1271
27MHz
Clock
Source
REF3125
100
Ω
1k
Ω
1k
Ω
10nF
OPA350
(2)
NOTE: (1) 1.8V recommended. (2) Recommended
circuit for reference noise filtering.
Figure 68. Basic Connection Drawing
+15V(1)
NOTES: (1) Bypass with 10
µFand 0.1µF capacitors.
(2) 2.7nF for Low−Power mode.
−15V(1)
V
REF
V
IN
49.9
Ω
AINP
OPA1632
AINN
V
OCM
0.1
µF
1k
Ω
1k
Ω
1k
Ω
1k
Ω
49.9
Ω
1.5nF(2)
1.5nF(2)
Figure 69. Basic Differential Input Signal Interface
+15V(1)
NOTES: (1) Bypass with 10
µF and 0.1µF capacitors.
(2) 10nF for Low−Power mode.
−15V(1)
V
REF
V
IN
OPA1632
49.9
Ω
AINP
AINN
V
ODIFF =0.25 × VIN
V
OCOMM =VREF
V
OCM
0.1
µF
249
Ω
1k
Ω
249
Ω
1k
Ω
49.9
Ω
5.6nF(2)
5.6nF(2)
Figure 70. Basic Single-Ended Input Signal
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com