Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7891IPFBT Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS7891IPFBT
Description  14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7891IPFBT Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7891IPFBT Datasheet HTML 17Page - Texas Instruments ADS7891IPFBT Datasheet HTML 18Page - Texas Instruments ADS7891IPFBT Datasheet HTML 19Page - Texas Instruments ADS7891IPFBT Datasheet HTML 20Page - Texas Instruments ADS7891IPFBT Datasheet HTML 21Page - Texas Instruments ADS7891IPFBT Datasheet HTML 22Page - Texas Instruments ADS7891IPFBT Datasheet HTML 23Page - Texas Instruments ADS7891IPFBT Datasheet HTML 24Page - Texas Instruments ADS7891IPFBT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
21
DIGITAL INTERFACE
TIMING AND CONTROL
Refer to the SAMPLING AND CONVERSION START section and the CONVERSION ABORT section.
READING DATA
The ADS7891 outputs full parallel data in straight binary format as shown in Table 1. The parallel output is active
when CS and RD are both low. There is a minimal quiet sampling period requirement around the falling edge
of CONVST as stated in the timing requirements section. Data reads or bus three-state operations should not
be attempted within this period. Any other combination of CS and RD three-states the parallel output. Refer to
Table 1 for ideal output codes.
Table 1. Ideal Input Voltages and Output Codes(1)
DESCRIPTION
ANALOG VALUE
BINARY CODE
HEX CODE
Full scale
Vref − 1 LSB
11 1111 1111 1111
3FFF
Midscale
Vref/2
10 0000 0000 0000
2000
Midscale − 1 LSB
Vref/2 − 1 LSB
01 1111 1111 1111
1FFF
Zero
0 V
00 0000 0000 0000
0000
(1) Full-scale range = Vref and least significant bit (LSB) = Vref/16384
The output data appears as a full 14-bit word (D13−D0) on pins DB13 – DB0 (MSB−LSB) if BYTE is low.
READING THE DATA IN BYTE MODE
The result can also be read on an 8-bit bus for convenience by using pins DB13−DB6. In this case two reads
are necessary; the first as before, leaving BYTE low and reading the 8 most significant bits on pins DB13−DB6,
and then bringing BYTE high. When BYTE is high, the lower bits (D5−D0) followed by all zeros are on pins DB13
− DB6 (refer to Table 2).
These multi-word read operations can be performed with multiple active RD signals (toggling) or with RD tied
low for simplicity.
Table 2. Conversion Data Read Out
BYTE
DATA READ OUT
BYTE
DB13 − DB6
DB5 − DB0
High
D5 − D0, 00
All zeroes
Low
D13 − D6
D5 − D0
Also refer to the DATA READ and DEVICE OPERATION AND DATA READ IN BACK-TO-BACK
CONVERSION sections for more details.
Reset
Refer to the POWERDOWN/RESET section for the device reset sequence.
It is recommended to reset the device after power on. A reset can be issued once the power has reached 95%
of its final value.
PWD/RST
is an asynchronous active low input signal. A current conversion is aborted no later than 45 ns after
the converter is in the reset mode. In addition, the device outputs a 3F80 code to indicate a reset condition. The
converter returns back to normal operation mode immediately after the PWD/RST input is brought high.
Data is not valid for the first four conversions after a device reset.
Powerdown
Refer to the POWERDOWN/RESET section for the device powerdown sequence.
The device enters powerdown mode if a PWD/RST low duration is extended for more than a period of tw7.
The converter goes back to normal operation mode no later than a period of td13 after the PWD/RST input is
brought high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com