Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR2LE21 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR2LE21
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2LE21 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR2LE21 Datasheet HTML 1Page - Toshiba Semiconductor TCR2LE21 Datasheet HTML 2Page - Toshiba Semiconductor TCR2LE21 Datasheet HTML 3Page - Toshiba Semiconductor TCR2LE21 Datasheet HTML 4Page - Toshiba Semiconductor TCR2LE21 Datasheet HTML 5Page - Toshiba Semiconductor TCR2LE21 Datasheet HTML 6Page - Toshiba Semiconductor TCR2LE21 Datasheet HTML 7Page - Toshiba Semiconductor TCR2LE21 Datasheet HTML 8Page - Toshiba Semiconductor TCR2LE21 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TCR2LF series, TCR2LE series
2014-11-06
3
List of Products Number, Output voltage and Marking
TCR2LF and TCR2LE series
Product No.
VOUT(V)
(typ.)
Marking
Product No.
VOUT(V)
(typ.)
Marking
SMV(SOT-25)
ESV(SOT-553)
SMV(SOT-25)
ESV(SOT-553)
TCR2LF08
TCR2LE08
0.8
0L8
TCR2LF19
TCR2LE19
1.9
1L9
TCR2LF085
TCR2LE085
0.85
0LD
TCR2LF20
TCR2LE20
2.0
2L0
TCR2LF09
TCR2LE09
0.9
0L9
TCR2LF21
TCR2LE21
2.1
2L1
TCR2LF095
TCR2LE095
0.95
0LE
TCR2LF25
TCR2LE25
2.5
2L5
TCR2LF10
TCR2LE10
1.0
1L0
TCR2LF27
TCR2LE27
2.7
2L7
TCR2LF105
TCR2LE105
1.05
1LA
TCR2LF28
TCR2LE28
2.8
2L8
TCR2LF11
TCR2LE11
1.1
1L1
TCR2LF285
TCR2LE285
2.85
2LD
TCR2LF115
TCR2LE115
1.15
1LB
TCR2LF30
TCR2LE30
3.0
3L0
TCR2LF12
TCR2LE12
1.2
1L2
TCR2LF31
TCR2LE31
3.1
3L1
TCR2LF13
TCR2LE13
1.3
1L3
TCR2LF32
TCR2LE32
3.2
3L2
TCR2LF15
TCR2LE15
1.5
1L5
TCR2LF33
TCR2LE33
3.3
3L3
TCR2LF18
TCR2LE18
1.8
1L8
TCR2LF36
TCR2LE36
3.6
3L6
* Please contact local Toshiba representative if you are interested in product that output voltage is not in the list.
Marking (top view)
Example: TCR2LF33 (3.3 V output)
Example: TCR2LE33 (3.3 V output)
3 L 3
3 L 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com