Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5884 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N5884
Description  COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5884 Datasheet(HTML) 2 Page - STMicroelectronics

  2N5884 Datasheet HTML 1Page - STMicroelectronics 2N5884 Datasheet HTML 2Page - STMicroelectronics 2N5884 Datasheet HTML 3Page - STMicroelectronics 2N5884 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
0.875
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEV
Collector Cut-off
Current (VBE = -1.5V)
VCE = rated VCEO
VCE = rated VCEO
Tc = 150
o C
1
10
mA
mA
ICBO
Collector Cut-off
Current (IE = 0)
VCE = rated VCBO
1mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 40 V
2
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 200 mA
80
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 15 A
IB = 1.5 A
IC = 25 A
IB = 6.25 A
1
4
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 25 A
IB = 6.25 A
2.5
V
VBE
∗
Base-Emitter Voltage
IC = 10 A
VCE = 4 V
1.5
V
hFE
∗
DC Current Gain
IC = 3 A
VCE = 4 V
IC = 10 A
VCE = 4 V
IC = 25 A
VCE = 4 V
35
20
4
100
hfe
Small Signal Current
Gain
IC = 3 A
VCE = 4 V
f = 1KHz
20
fT
Transition frequency
IC = 1 A
VCE = 10 V
f =1 MHz
4
MHz
CCBO
Collector Base
Capacitance
IE = 0
VCB = 10 V
f = 1MHz
for NPN type
for PNP type
500
1000
pF
pF
tr
Rise Time
IC = 10 A
VCC = 30 V
IB1 = -IB2 = 1A
0.7
µs
ts
Storage Time
1
µs
tf
Fall Time
0.8
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
2N5884 / 2N5886
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com