Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACT-808 Datasheet(PDF) 1 Page - Coherent Corp

Part # COMPACT-808
Description  Industrial High Power Diode Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPACT-808 Datasheet(HTML) 1 Page - Coherent Corp

  COMPACT-808 Datasheet HTML 1Page - Coherent Corp COMPACT-808 Datasheet HTML 2Page - Coherent Corp COMPACT-808 Datasheet HTML 3Page - Coherent Corp COMPACT-808 Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Compact Series
Industrial High Power Diode Laser
The Compact air-cooled lasers are fiber-coupled diode lasers offering
up to 120 W output power. With their modular and robust design these
lasers have been set-up for easy integration, flexibility and reliability in
industrial applications such as plastics welding, selective soldering and
heat treatment.
Compact air-cooled lasers are available with various accessories and
offers an extensive range of options to provide flexibility for the
integration into a wide range of laser-based manufacturing systems.
FEATURES & BENEFITS
• Output power: up to 120 W
• 19” Rack for easy integrate
• Fiber-Coupled
• Air-Cooled
• Long life diode modules
APPLICATIONS
• Heat Treatment
• Plastics Welding
• Selective Soldering
• Scientific Applications


Similar Part No. - COMPACT-808

ManufacturerPart #DatasheetDescription
logo
Elma Electronic Ltd
COMPACT-CASE-20 ELMA-COMPACT-CASE-20 Datasheet
796Kb / 4P
COMPACT CASE 20
logo
Coherent Corp
COMPACT-EVO-AC COHERENT-COMPACT-EVO-AC Datasheet
937Kb / 3P
Industrial High Power Diode Laser
COMPACT-EVOLUTION COHERENT-COMPACT-EVOLUTION Datasheet
502Kb / 5P
Industrial High Power Diode Laser
COMPACT-MINI COHERENT-COMPACT-MINI Datasheet
472Kb / 4P
Industrial High Power Diode Laser
COMPACT-SE COHERENT-COMPACT-SE Datasheet
584Kb / 4P
Industrial High Power Diode Laser
More results

Similar Description - COMPACT-808

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
RLT635_SERIES ROITHNER-RLT635_SERIES Datasheet
195Kb / 4P
635nm High Power Laser Diode
RLT780-150GS ROITHNER-RLT780-150GS Datasheet
278Kb / 4P
High Power Infrared Laser Diode
logo
Lumics GmbH
LU09XXT090 LUMICS-LU09XXT090 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 9W Operation Power
2020-10-20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com