Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROCESSING-HEAD Datasheet(PDF) 2 Page - Coherent Corp

Part # PROCESSING-HEAD
Description  Processing Head for Diode Lasers Compact Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

PROCESSING-HEAD Datasheet(HTML) 2 Page - Coherent Corp

  PROCESSING-HEAD Datasheet HTML 1Page - Coherent Corp PROCESSING-HEAD Datasheet HTML 2Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Coherent, Inc.,
5100 Patrick Henry Drive Santa Clara, CA 95054
p. (800) 527-3786 | (408) 764-4983
f. (408) 764-4646
tech.sales@coherent.com
www.coherent.com
Processing Head PHF Series
Processing Head for Diode Lasers Compact Series
SPECIFICATIONS
Collimator
Processing
Head
Processing
Head Pyro
Processing
Head Pyro/
CAM
Processing
Head Pyro/
CI
Processing
Head CAM
Processing
Head CI
Fiber Connector
SMA, QBH
Numerical Aperture
≤0.22
Collimation Focal Length (mm)
37, 44, 58, 64
Focal length F-Theta (mm)
60, 100, 150, 200, 300
Wavelength (nm)
808 to 980
Maximum Input Power (W)
500
Maximum Input Power with Water Cooling (W)
1200
-
-
-
-
-
-
COOLING REQUIREMENTS
Flow Rate (l/min.)
1.5 to 2
-
-
-
-
-
-
Cooling Temperature (°C)
20 to 35
-
-
-
-
-
-
OPTION PYRO
Pyrometer Type
-
-
Single color
-
-
Typical Temperature Range (°C)
-
-
190 to 700
-
-
Sampling rate (kHz)
-
-
10
-
-
OPTION CAM
Camera Type
-
-
-
CCD
-
CCD
-
Resolution
-
-
-
VGA
-
VGA
-
Output
-
-
-
BNC
-
BNC
-
OPTION CI (CAMERA INTERFACE)
Open Aperture (mm)
-
-
-
-
30
-
30
Camera Mount
-
-
-
-
4 x M3 x 5
-
4 x M3 x 5
OPTION CI (CAMERA INTERFACE)
Dimension1 (L x W x H)
147 x 66
x 66 mm
(5.79 x 2.60
x 2.60 in.)
~217 x 70 x 139 mm
(8.54 x 2.76 x 5.47 in.)
Weight
1 to 1.5 kg
(2.20 to
3.31 lbs.)
1.2 to 1.7 kg
(2.65 to
3.75 lbs.)
2 to 2.5 kg (4.41 to 5.51 lbs.)
ENVIRONMENTAL CONDITIONS
Ambient Temperature in Operation (°C)
15 to 35 °C (59 to 95 °F)
Storage Temperature (°C)
5 to 50 °C (41 to 122 °F)
1 Step files available on request.
Visible / invisible laser radiation.
Avoid eye or skin exposure to
direct or scattered radiation!
Class 4 Laser product
IEC 60825-1:2014
Coherent follows a policy of continuous product improvement. Specifications are
subject to change without notice. Coherent’s scientific and industrial lasers are certified
to comply with the Federal Regulations (21 CFR Subchapter J) as administered by the
Center for Devices and Radiological Health on all systems ordered for shipment after
August 2, 1976.
MC-006-22-0M0222 Copyright ©2022 Coherent, Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com