Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM555 Datasheet(PDF) 9 Page - SYC Electronica

Part # LM555
Description  Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM555 Datasheet(HTML) 9 Page - SYC Electronica

Back Button LM555 Datasheet HTML 4Page - SYC Electronica LM555 Datasheet HTML 5Page - SYC Electronica LM555 Datasheet HTML 6Page - SYC Electronica LM555 Datasheet HTML 7Page - SYC Electronica LM555 Datasheet HTML 8Page - SYC Electronica LM555 Datasheet HTML 9Page - SYC Electronica LM555 Datasheet HTML 10Page - SYC Electronica LM555 Datasheet HTML 11Page - SYC Electronica LM555 Datasheet HTML 12Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Applications Information (Continued)
PULSE POSITION MODULATOR
This application uses the timer connected for astable opera-
tion, as in Figure 10, with a modulating signal again applied
to the control voltage terminal. The pulse position varies with
the modulating signal, since the threshold voltage and hence
the time delay is varied. Figure 11 shows the waveforms
generated for a triangle wave modulation signal.
LINEAR RAMP
When the pullup resistor, R
A, in the monostable circuit is
replaced by a constant current source, a linear ramp is
generated. Figure 12 shows a circuit configuration that will
perform this function.
Figure 13 shows waveforms generated by the linear ramp.
The time interval is given by:
V
BE . 0.6V
00785113
VCC = 5V
Top Trace: Modulation 1V/Div.
TIME = 0.2 ms/DIV.
Bottom Trace: Output Voltage 2V/Div.
RA = 9.1kΩ
C = 0.01µF
FIGURE 9. Pulse Width Modulator
00785114
FIGURE 10. Pulse Position Modulator
00785115
VCC = 5V
Top Trace: Modulation Input 1V/Div.
TIME = 0.1 ms/DIV.
Bottom Trace: Output 2V/Div.
RA = 3.9kΩ
RB =3kΩ
C = 0.01µF
FIGURE 11. Pulse Position Modulator
00785116
FIGURE 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com