Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30C Datasheet(PDF) 2 Page - SYC Electronica

Part # TIP30C
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TIP30C Datasheet(HTML) 2 Page - SYC Electronica

  TIP30C Datasheet HTML 1Page - SYC Electronica TIP30C Datasheet HTML 2Page - SYC Electronica TIP30C Datasheet HTML 3Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
4.17
62.5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEO
Collector Cut-off
Current (IB = 0)
for TIP29A/30A
VCE = 30 V
for TIP29C/30C
VCE = 60 V
0.3
0.3
mA
mA
ICES
Collector Cut-off
Current (VBE = 0)
for TIP29A/30A
VCE = 60
for TIP29C/30C
VCE = 100 V
0.2
0.2
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)* Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 30 mA
for TIP29A/30A
for TIP29C/30C
60
100
V
V
VCE(sat)*
Collector-Emitter
Saturation Voltage
IC = 1 A
IB = 125 mA
0.7
V
VBE(on)*
Base-Emitter Voltage
IC = 1 A
VCE = 4 V
1.3
V
hFE*
DC Current Gain
IC = 0.2 A
VCE = 4 V
IC = 1 A
VCE = 4 V
40
15
75
hfe
Small Signal Current
Gain
IC = 0.2 A
VCE = 10 V
f = 1 KHz
IC = 0.2 A
VCE = 10 V
f = 1 MHz
20
3
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
For PNP types voltage and current values are negative.
TIP29A / TIP29C / TIP30A / TIP30C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com