Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN18AB Datasheet(PDF) 4 Page - TT Electronics.

Part # EN18AB
Description  18 mm Absolute Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

EN18AB Datasheet(HTML) 4 Page - TT Electronics.

  EN18AB Datasheet HTML 1Page - TT Electronics. EN18AB Datasheet HTML 2Page - TT Electronics. EN18AB Datasheet HTML 3Page - TT Electronics. EN18AB Datasheet HTML 4Page - TT Electronics. EN18AB Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
18 mm Absolute Encoder
EN18AB Series
General Note
TT Electronics reserves the right to make changes in product specification
without notice or liability. All information is subject to TT Electronics’ own data
and is considered accurate at time of going to print.
© TT electronics plc
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev A 02/2022 Page 4
Outline Drawings
EN18ABHB11A0Fxx - Top Adjust, Plain Bushing
Code
26
28
29
L
26.8 28.7 29.5
F
12.7 15.7 15.7
Shaft Type = F
Shaft Length = see Chart
SHAFT SHOWN IN
POSITION 1
Output Signal Format



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com