Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP240D Datasheet(PDF) 4 Page - TT Electronics.

Part # OP240D
Description  Plastic Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP240D Datasheet(HTML) 4 Page - TT Electronics.

  OP240D Datasheet HTML 1Page - TT Electronics. OP240D Datasheet HTML 2Page - TT Electronics. OP240D Datasheet HTML 3Page - TT Electronics. OP240D Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Plastic Infrared Emitting Diode
OP240A & OP240B
OP245A & OP245B
Obsolete (OP240C & OP240D)
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C 05/2022
Page 4
Performance
OP240, OP245 (A, B)
Forward Voltage vs Forward Current vs
Temperature
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
5
10
15
20
25
30
35
40
45
Forward Current (mA)
-65°C
-40°C
-20°C
+0°C
+20°C
+40°C
+60°C
+80°C
+100°C
+125°C
Optical Power vs IF vs Temp
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
35
40
45
50
Forward Current IF (mA)
-65°C
-40°C
-20°C
+0°C
+20°C
+40°C
+60°C
+80°C
+100°C
+125°C
Normalized at 20 mA and 20o C
Distance vs Output Power vs Forward Current
0
1
2
3
4
5
6
7
8
9
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Distance (inches)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
80 mA
100 mA
Normalized at 0.6" and 50 mA
Forward Current
Beam Angle
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
-80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80
Degrees



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com