Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP830SL Datasheet(PDF) 3 Page - TT Electronics.

Part # OP830SL
Description  NPN Phototransistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP830SL Datasheet(HTML) 3 Page - TT Electronics.

  OP830SL Datasheet HTML 1Page - TT Electronics. OP830SL Datasheet HTML 2Page - TT Electronics. OP830SL Datasheet HTML 3Page - TT Electronics. OP830SL Datasheet HTML 4Page - TT Electronics. OP830SL Datasheet HTML 5Page - TT Electronics. OP830SL Datasheet HTML 6Page - TT Electronics. OP830SL Datasheet HTML 7Page - TT Electronics. OP830SL Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
NPN Phototransistor
OP804SL, OP805SL, OP830SL
OP800WSL, OP801WSL, OP802WSL, OP830WSL
Obsolete (OP800SL)
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C
05/2022
Page 3
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-65
o C to +150o C
Operating Temperature Range
-65
o C to +125o C
Collector-Base Voltage (applies to OP800SL only - does not apply to OP800WSL)
30 V
Collector-Emitter Voltage
OP800 (SL, WSL)
OP830 (SL, WSL)
30 V
15 V
Emitter-Base Voltage (applies to OP800 (SL, WSL) only)
5 V
Emitter-Collector Voltage (applies to all OP800 and OP830 devices)
5 V
Continuous Collector Current
50 mA
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
(1)
Power Dissipation
250 mW
(2)
Electrical Specifications
Notes:
1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. A maximum 20 grams force may be applied
to the leads when soldering.
2. Derate linearly 2.5 mW/° C above 25° C.
3. Junction temperature maintained at 25° C.
4. Light source is an unfiltered tungsten bulb operating at CT = 2870 K.
=
=
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com