Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP802WSL Datasheet(PDF) 1 Page - TT Electronics.

Part # OP802WSL
Description  NPN Phototransistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP802WSL Datasheet(HTML) 1 Page - TT Electronics.

  OP802WSL Datasheet HTML 1Page - TT Electronics. OP802WSL Datasheet HTML 2Page - TT Electronics. OP802WSL Datasheet HTML 3Page - TT Electronics. OP802WSL Datasheet HTML 4Page - TT Electronics. OP802WSL Datasheet HTML 5Page - TT Electronics. OP802WSL Datasheet HTML 6Page - TT Electronics. OP802WSL Datasheet HTML 7Page - TT Electronics. OP802WSL Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NPN Phototransistor
OP804SL, OP805SL, OP830SL
OP800WSL, OP801WSL, OP802WSL, OP830WSL
Obsolete (OP800SL)
© TT electronics plc
Rev C
05/2022
Page 1
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each device in this series consists of a NPN silicon phototransistor mounted in a hermetically sealed TO-18 package that
offers high power dissipation and superior hostile environment operation. The OP800SL (Obsolete), OP804SL, OP805SL and
OP830SL devices have a narrow receiving angle that provides excellent on-axis coupling and a bonded base lead that
enables conventional transistor biasing. The OP800WSL, OP801WSL, OP802WSL and OP830WSL all have a wide receiving
angle that provides relatively even reception over a large area.
Devices are 100% production tested using an infrared light source for close correlation with OPTEK’s GaAs and GaAIAs
emitters. The OP800SL and devices are mechanically and spectrally matched to OP130 and OP230 series LEDs. The
OP800WSL devices are mechanically and spectrally matched to OP130W and OP230W series devices.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Applications:
• Space-limited applications
• Hostile environment applications
• Applications requiring high power dissipation
Features:
• TO-18 hermetically sealed package
• Mechanically and spectrally matched to OP130 and OP230 LEDs
• TX and TXV process available (see Hi-Rel section)
• Choice of narrow or wide receiving angle
• Variety of sensitivity ranges
• Enhanced temperature range
“WSL”
Part Number Guide — OPXXX
OP X X X X
OPTEK Component
8 — TO-18 Package
0 — Phototransistor
3 — Photodarlington
SL — Tested at 2870° K
WSL — Tested at 2870° K
Part Description:
OP80__SL
= TO-18 dome lens, phototransistor
4 and 5 sensitivity levels
tested with 2870° K light source
OP80__WSL
= TO-18 flat lens, phototransistor
0 through 2 sensitivity levels
tested with 2870° K light source
OP830SL
= TO-18 dome lens, photodarlington
tested with 2870° K light source
OP830WSL
= TO-18 flat lens, photodarlington
tested with 2870° K light source
RoHS


Similar Part No. - OP802WSL

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP802WSL OPTEK-OP802WSL Datasheet
342Kb / 2P
NPN SILICON PHOTOTRANSISTORS
More results

Similar Description - OP802WSL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
logo
TT Electronics.
OP800 TTELEC-OP800 Datasheet
642Kb / 8P
NPN Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com