Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XARP-02V-R Datasheet(PDF) 6 Page - JST Mfg. Co., Ltd.

Part # XARP-02V-R
Description  2.5mm pitch/Disconnectable Crimp style connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XARP-02V-R Datasheet(HTML) 6 Page - JST Mfg. Co., Ltd.

  XARP-02V-R Datasheet HTML 1Page - JST Mfg. Co., Ltd. XARP-02V-R Datasheet HTML 2Page - JST Mfg. Co., Ltd. XARP-02V-R Datasheet HTML 3Page - JST Mfg. Co., Ltd. XARP-02V-R Datasheet HTML 4Page - JST Mfg. Co., Ltd. XARP-02V-R Datasheet HTML 5Page - JST Mfg. Co., Ltd. XARP-02V-R Datasheet HTML 6Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
XA CONNECTOR
Packaging specifications
TERMINALS
& CONNECT
ORS
R
D
H
W
Leader tape
Tail tape
Flat pack (zigzag folded)
24 indexing holes per fold (304.8mm)
316(
W)×45(D)×330(H)mm
1,000 pcs. / box
500 pcs. / box
19.05mm
2, 3 circuits
4
∼8 circuits
Package type
Distance between folds
Box size
Distance between the end of the tape and
the first connector’s center line (either end)
Quantity
Distance between the end of the tape and
the first connector's center line (either end)
Note: Products of different packaging specifications are also available.
Contact JST for details.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com