Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRP2H20DR10FTDG Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # TLRP2H20DR10FTDG
Description  SMD Low Ohmic - Current Sense Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TLRP2H20DR10FTDG Datasheet(HTML) 4 Page - TE Connectivity Ltd

  TLRP2H20DR10FTDG Datasheet HTML 1Page - TE Connectivity Ltd TLRP2H20DR10FTDG Datasheet HTML 2Page - TE Connectivity Ltd TLRP2H20DR10FTDG Datasheet HTML 3Page - TE Connectivity Ltd TLRP2H20DR10FTDG Datasheet HTML 4Page - TE Connectivity Ltd TLRP2H20DR10FTDG Datasheet HTML 5Page - TE Connectivity Ltd TLRP2H20DR10FTDG Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMD Low Ohmic
– Current Sense Resistors
1773449-4 Rev. B 05/2021
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Item
Requirement
Test Method
Flame Retardance
The following
phenomena cannot
occur during the
experiment:
(1)A flame over 3.0
seconds duration.
(2)An explosion.
(3)A temperature
above 350°C
sustained for over 10
seconds
AEC-Q200-001
Assemble the sample on the test
board, perform functional test
before flame retardant test to
ensure no damage to the sample.
The test environment is 22±5
℃
still air, from 9.0 to 32.0 VDC
(current clamped up to 500A),
increase the voltages at the rate of
1.0 VDC per hour until the end of
the experiment.
Bending Strength
±1.0%
JIS-C-5201-1 4.33
IEC-60115-1 4.33
AEC-Q200-005
Bending width 2mm once for 5
seconds
Terminal Strength (SMD)
Not broken
AEC-Q200-006
Force of 1.8kg for 60 seconds.
Solderability
95% min. coverage
JIS-C-5201-1 4.17
IEC-60115-1 4.17
J-STD-002
245±5°C for 3seconds
Resistance to Soldering
Heat
±0.5%
JIS-C-5201-1 4.18
IEC-60115-1 4.18
MIL-STD-202 Method 210
260±5°C for 10 seconds
Rapid Change of
Temperature
±1.0%
JIS-C-5201-1 4.19
IEC-60115-1 4.19
-55°C to +155°C, 5 cycles
Temperature Cycling
±1.0%
JESD22 Method JA-104
1000 cycles (-55
℃to+125℃,
Dwell 30 minutes, transition time
within 1 minute). Measurement at
24±4 hours after test conclusion.
Low Temperature Storage
±1.0%
IEC60115-1 4.23.4
JIS-C-5201-1 4.23.4
at -55°C for 2hrs
RCWV (Rated Continuous Working Voltage)=
√ P*R or Max. Operati g Voltage
whichever is lower.
Storage Temperature: 15~28°C; Humidity < 80%RH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com